AI

The **LCMXO2-256UHC-4BG332C** (often referred via its family series in the MachXO2 line) is an ultra-low-power, instant-on Flash-based **CPLD/FPGA** manufactured by Lattice Semiconductor.
Below is a detailed breakdown of its electronic specifications and characteristics.
---
### 1. General Specifications
This device belongs to the **MachXO2** family, designed to bridge the gap between traditional CPLDs and low-density FPGAs.
| Feature | Specification |
| :--- | :--- |
| **Logic Cells (LUTs)** | 256 Look-Up Tables |
| **User I/O Count** | Up to 274 (Package dependent) |
| **Package Type** | CABGA-332 (Ball Grid Array) |
| **Voltage Supply (Core)** | 2.5V to 3.3V (UHC variant) |
| **Speed Grade** | -4 (Standard speed) |
| **Temperature Range** | 0°C to 85°C (Commercial) |
---
### 2. Key Internal Components
The architecture of this part includes specialized hardware blocks that reduce the need for external components:
* **Flash Memory:** Integrated non-volatile configuration memory. It allows the chip to be "Instant-on" (it powers up and starts running logic in microseconds).
* **Embedded Functional Blocks (EFB):** Contains hardened IP for common interfaces:
* **I2C** and **SPI** controllers.
* **Timer/Counters**.
* **User Flash Memory (UFM):** A dedicated area of flash memory available for the user to store data (like serial numbers or calibration constants).
* **I/O Logic:** Supports multiple standards including LVCMOS, LVTTL, and differential signaling like LVDS.
---
### 3. Application Use Cases
Due to its low logic density (256 LUTs) and high I/O count, this part is rarely used for heavy data processing. Instead, it is used for:
1. **System Power Sequencing:** Managing the power-up order of larger SoCs and CPUs.
2. **I/O Expansion:** Adding more GPIOs to a microcontroller that has run out of pins.
3. **Level Shifting:** Translating signals between different voltage domains (e.g., 1.8V logic to 3.3V logic).
4. **Interface Bridging:** Converting signals between different protocols (e.g., I2C to parallel).
---
### 4. Part Number Decoder
Understanding the "LCMXO2-256UHC-4BG332C" nomenclature:
| Code | Meaning |
| :--- | :--- |
| **LCMXO2** | MachXO2 Family |
| **256** | Logic Density (256 LUTs) |
| **UHC** | Ultra High Capacity (Voltage/Power variant) |
| **4** | Speed Grade (Lower is slower in Lattice nomenclature) |
| **BG332** | 332-ball BGA Package |
| **C** | Commercial Temperature Grade |
---
### 5. Programming and Development
To work with this part, engineers typically use the following tools:
```bash
# Software Requirement
Lattice Diamond Design Software
# Programming Hardware
Lattice HW-USBN-2B (USB MachXO2 Programmer)
# Hardware Description Languages (HDL)
Verilog, SystemVerilog, or VHDL
```
---
- ⤷
What are the power consumption benefits of the MachXO2 Flash-based architecture compared to SRAM-based FPGAs?
- ⤷ How does the 'Instant-on' feature impact system boot timing?
- ⤷ What is the difference between the 'HC' and 'UHC' voltage variants in this series?