LCMXO2-256UHC2FTG256ITRES
AI

The **LCMXO2-256UHC-4TG144C** (part of the MachXO2 series) is an ultra-low-power, instant-on, non-volatile PLD (Programmable Logic Device) manufactured by Lattice Semiconductor. This specific part belongs to a family designed to bridge the gap between low-density CPLDs and high-capacity FPGAs.
---
### 1. Part Number Breakdown
Understanding the alphanumeric code helps identify the specific capabilities of this component:
| Segment | Meaning | Specification |
|:---|:---|:---|
| **LCMXO2** | Family Name | MachXO2 (Generation 2) |
| **256** | Logic Density | 256 Look-Up Tables (LUTs) |
| **UHC** | Voltage/Speed | Ultra High Speed / Core Voltage (approx. 1.2V) |
| **4** | Speed Grade | Indicates performance level (4 is standard) |
| **TG** | Package Type | TQFP (Thin Quad Flat Pack) |
| **144** | Pin Count | 144 Pins |
| **C/I** | Temp Grade | Commercial (C) or Industrial (I) |
---
### 2. Core Technical Specifications
The MachXO2 series is optimized for system control, interface bridging, and power management tasks.
* **Logic Cells:** 256 LUTs.
* **User I/O:** Up to 114 programmable I/O pins.
* **Embedded Flash:** Includes User Flash Memory (UFM) for non-volatile storage of configuration data or user data.
* **Hard IP Blocks:** Contains dedicated "Hardened" functions to save logic cells:
* **I2C Interfaces:** 2 dedicated controllers.
* **SPI Interface:** 1 dedicated controller.
* **Timer/Counter:** 1 16-bit timer.
* **Power Supply:** Generally operates on a 1.2V core voltage with support for 1.2V to 3.3V I/O standards.
---
### 3. Key Electronic Features
#### A. Instant-On Technology
Unlike traditional FPGAs that require an external PROM to load code upon power-up, the MachXO2 stores its configuration in on-chip Flash. It becomes active in microseconds, making it ideal for managing power-up sequences of larger processors.
#### B. Low Power Consumption
Designed for mobile and handheld applications, it features a "Standby Mode" that consumes as little as **22 µW**, allowing it to remain active in battery-sensitive devices.
#### C. Flexibility
The I/O pins support multiple standards (LVCMOS, LVTTL, PCI, etc.) and feature programmable pull-up/pull-down resistors and slew rate control.
---
### 4. Common Applications
Due to its small logic density but high I/O flexibility, this part is frequently used for:
1. **Power Sequencing:** Managing the turn-on order of multi-rail CPUs and GPUs.
2. **I/O Expansion:** Adding more GPIOs to a microcontroller via SPI or I2C.
3. **Interface Bridging:** Converting signals between different logic levels or protocols (e.g., I2C to Parallel).
4. **Control Logic:** Simple state machines for glue logic on motherboards.
---
- ⤷
What are the main differences between the MachXO2 and MachXO3 families?
- ⤷ How is the 'User Flash Memory' (UFM) typically utilized in this FPGA?
- ⤷ Which software tool is required to program the LCMXO2-256?