AI

The **LCMXO2-256UHC3BG256CTRES** is a high-performance, low-power Field Programmable Gate Array (FPGA) from the **MachXO2** family, manufactured by Lattice Semiconductor. This specific part is often used for system control, interface bridging, and power management applications.
### Part Number Breakdown
The nomenclature provides specific details about the chip's architecture and capabilities:
| Code Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **LCMXO2** | Product Family | MachXO2 (Bridging & Control FPGA) |
| **256** | Density | 256 Look-Up Tables (LUTs) |
| **UHC** | Feature Set | Ultra High Performance / Low Power (1.2V Core) |
| **3** | Speed Grade | Grade 3 (Faster performance) |
| **BG256** | Package Type | 256-ball caBGA (Ball Grid Array) |
| **C** | Temp Grade | Commercial (0°C to +85°C) |
| **TRES** | Special Code | Tape & Reel Packaging (or specific Customer/Silicon Revision) |
---
### Key Technical Specifications
#### 1. Logic Architecture
* **LUTs:** 256 Look-Up Tables. These are the fundamental building blocks used to create logic gates (AND, OR, XOR, etc.).
* **User I/O:** Supports up to 206 programmable Input/Output pins.
* **Embedded Flash:** Includes on-chip non-volatile memory, allowing the FPGA to be "instant-on" without needing an external boot PROM.
#### 2. Electrical Characteristics
* **Core Voltage ($V_{CC}$):** 1.2V. This indicates the "UHC" (Ultra High Performance) variant which focuses on low power consumption.
* **I/O Standards:** Supports multiple signaling standards including LVCMOS (3.3V, 2.5V, 1.8V, 1.2V), LVDS, and differential SSTL.
#### 3. Hardware Features
* **Hardened IP:** Includes built-in "Hard" I2C, SPI, and Timer/Counter blocks. This saves logic cells because you don't have to build these functions out of the 256 LUTs.
* **PLLs:** Contains Phase-Locked Loops for clock frequency synthesis and phase adjustment.
---
### Common Applications
Due to its small logic density and high I/O count, this part is typically used for:
1. **Level Shifting:** Translating signals between different voltage domains (e.g., 1.2V CPU to 3.3V sensor).
2. **I/O Expansion:** Adding more GPIOs to a microcontroller that has run out of pins.
3. **Interface Bridging:** Converting SPI to I2C or managing custom bus protocols.
4. **Power Sequencing:** Controlling the "Power On" sequence of complex multi-rail PCB designs.
---
### Programming Example
The MachXO2 series is programmed using **Lattice Diamond** software. Below is a simple VHDL snippet representing a basic 2-input AND gate that could be implemented in this FPGA:
```vhdl
library IEEE;
use IEEE.STD_LOGIC_1164.ALL;
entity simple_gate is
Port ( A : in STD_LOGIC;
B : in STD_LOGIC;
Y : out STD_LOGIC);
end simple_gate;
architecture Behavioral of simple_gate is
begin
Y <= A and B; -- Basic logic operation using 1 LUT
end Behavioral;
```
- ⤷
What is the difference between the MachXO2 and MachXO3 families?
- ⤷ How do I calculate the power consumption for the 1.2V core?
- ⤷ Which hardware tools are needed to program the BG256 package?