AI

The **LCMXO2-256UHE-4FTG256ITRES** belongs to the **MachXO2** family from Lattice Semiconductor. These are ultra-low-power, non-volatile CPLDs (Complex Programmable Logic Devices) that bridge the gap between traditional CPLDs and low-density FPGAs.
---
### 1. Part Number Breakdown
Understanding the suffix and prefix codes provides technical insight into the component's capabilities:
| Code Segment | Meaning |
| :--- | :--- |
| **LCMXO2** | MachXO2 Family (Low Power, Instant-on) |
| **256** | 256 Look-Up Tables (LUTs) / Logic Density |
| **UHE** | Ultra High Efficiency / specific voltage rail variant |
| **4** | Speed Grade (Standard/Moderate) |
| **FTG256** | 256-ball ftBGA (Fine-pitch Thin BGA) package |
| **I** | Industrial Temperature Range (-40°C to +100°C) |
| **TRES** | Specific Tape and Reel / Custom Packing or Revision code |
---
### 2. Technical Specifications
The device is designed for system control, interface bridging, and power management tasks.
* **Logic Capacity:** 256 Look-Up Tables (LUTs).
* **User I/O:** Provides up to 206 User I/Os (depending on package configuration).
* **Non-Volatile Memory:** Built-in Flash allows for "Instant-on" capability (the device is ready microseconds after power-up).
* **Embedded Memory:** Includes User Flash Memory (UFM) for storing configuration data, serial numbers, or calibration constants.
* **Hardened IP:** Contains built-in I2C, SPI, and Timer/Counter blocks to save logic cells.
* **Operating Voltage:** Typically operates on a 1.2V core voltage (UHC/UHE series).
---
### 3. Key Electronic Features
#### A. Instant-on Technology
Unlike SRAM-based FPGAs that require an external PROM to load their configuration upon startup, the MachXO2 stores its configuration in on-chip Flash. This makes it ideal for **Power-Up Sequencing** where the logic must be active before the main processor boots.
#### B. Flexible I/O (sysIO)
The device supports a wide range of I/O standards:
* LVCMOS (3.3V, 2.5V, 1.8V, 1.5V, 1.2V)
* LVTTL
* Differential inputs (LVDS, Bus-LVDS, MLVDS)
#### C. Power Management
The "UHE" designation indicates a focus on efficiency. The device features:
* **Static Branch:** Very low standby power consumption.
* **Sleep Mode:** Ability to enter a low-power state to conserve battery life in handheld devices.
---
### 4. Typical Applications
Due to its small logic density and high I/O count, this specific part is frequently used for:
1. **System Control:** Power sequencing, reset generation, and status LED control.
2. **Interface Bridging:** Converting signals between different voltage levels or protocols (e.g., I2C to Parallel).
3. **Sensor Hubs:** Aggregating data from multiple slow sensors before sending them to a main Application Processor.
4. **Hardware Security:** Implementing basic encryption or authentication checks.
- ⤷
What are the power consumption specs for the MachXO2 series in standby mode?
- ⤷ How do I program this device using Lattice Diamond software?
- ⤷ What is the pitch and ball diameter for the FTG256 package?