Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • LCMXO2-256UHE4UWG81ITRES

  • AI
    The **LCMXO2-256UHE-4UWG81ITR** is a specific integrated circuit belonging to the **MachXO2** family developed by **Lattice Semiconductor**. These chips are known as "Bridging FPGAs" because they bridge the gap between low-density CPLDs (Complex Programmable Logic Devices) and high-performance FPGAs. Below is a detailed breakdown of its electronic characteristics and nomenclature. --- ### 1. Technical Specifications The following table highlights the core hardware capabilities of this specific part: | Feature | Specification | | :--- | :--- | | **Logic Cells (LUTs)** | 256 Look-Up Tables | | **User I/O Count** | 56 I/Os | | **Package Type** | WLCSP-81 (Wafer Level Chip Scale Package) | | **Voltage Supply (Core)** | 1.2V | | **Embedded Flash** | Instant-on, non-volatile configuration memory | | **Hardened IP** | I2C, SPI, and Timer/Counter blocks | | **Operating Temperature** | Industrial Grade (-40°C to 100°C) | --- ### 2. Part Number Breakdown (Nomenclature) To understand the electronic capabilities, we can decode the part number: * **LCMXO2**: MachXO2 Family (Low power, instant-on). * **256**: Density of the chip (256 Look-Up Tables/Logic Elements). * **UHE**: Ultra High Efficiency / specific power-saving architecture variant. * **4**: Speed Grade (4 is the standard performance tier). * **UWG81**: The package code for the 81-ball WLCSP (very small footprint). * **I**: Industrial temperature grade. * **TR**: Indicates "Tape and Reel" packaging for automated assembly. --- ### 3. Key Electronic Features #### A. Instant-On Technology Unlike high-end FPGAs that require an external PROM to load code upon power-up, this part has **on-chip Flash memory**. The device is operational in microseconds, making it ideal for power sequencing and system management. #### B. WLCSP Packaging The `UWG81` designation refers to a **Wafer Level Chip Scale Package**. Electronics-wise, this means the die itself is the package. This offers: * Minimal parasitic inductance. * Extremely small PCB footprint (ideal for mobile/wearable tech). * Direct solder bumps to the PCB. #### C. Hardened IP Blocks To save logic cells for custom tasks, the chip includes "hardened" (fixed-function) circuitry for: * **I2C & SPI:** Dedicated controllers so you don't waste the 256 LUTs on communication protocols. * **Internal Oscillator:** Eliminates the need for an external clock source in simple applications. --- ### 4. Common Use Cases Because of its small size (256 LUTs) and tiny package, it is typically used for: * **Signal Level Shifting:** Converting 1.8V logic to 3.3V logic. * **GPIO Expansion:** Adding extra pins to a microcontroller. * **Power-up Sequencing:** Managing the order in which other chips on a board turn on. * **Sensor Hubs:** Aggregating data from multiple low-speed sensors.
    ✨ Follow-up Questions
    • ⤷ What are the PCB design challenges associated with the WLCSP-81 package?
    • ⤷ Can the 256 LUTs be expanded using external memory?
    • ⤷ How does the 'Ultra High Efficiency' (UHE) variant differ from the standard MachXO2?