LCMXO2-640UHC2SG48CTRES
AI

The **LCMXO2-640UHC-4SG48C** (with specific trace/tape suffixes like TRES) belongs to the **Lattice MachXO2** family. These are ultra-low-power, instant-on, non-volatile PLDs (Programmable Logic Devices) designed for bridging, I/O expansion, and control logic.
---
## 1. Technical Specifications
Below is a breakdown of the core electronic characteristics for this specific part:
| Parameter | Value / Detail |
| :--- | :--- |
| **Logic Cells (LUTs)** | 640 Look-Up Tables |
| **User I/O Count** | 40 I/Os |
| **Package Type** | QFN-48 (Quad Flat No-lead, 48 pins) |
| **Voltage Supply (Core)** | 2.375V to 3.465V (High Performance 'HC' version) |
| **Speed Grade** | -4 (Standard/High speed) |
| **Memory (Embedded)** | 18 Kbits of SysMEM EBR (Embedded Block RAM) |
| **Non-Volatile Memory** | 64 Kbits User Flash Memory (UFM) |
| **Operating Temp** | 0°C to 85°C (Commercial Grade) |
---
## 2. Key Electronic Features
### A. Instant-On Technology
Unlike traditional FPGAs that require an external configuration PROM, the MachXO2 stores its configuration in internal Flash. This allows the chip to become active in less than **1ms**, making it ideal for system reset and power-sequencing tasks.
### B. Integrated Hardened IP
The silicon includes hard-coded (non-programmable logic) blocks to save space and power:
* **I2C & SPI Interfaces:** Dedicated engines for communication.
* **Timer/Counter:** 16-bit hardened timer.
* **Oscillator:** Internal RC oscillator (no external crystal required for basic logic).
### C. Low Power Consumption
The "HC" version is optimized for high performance while maintaining low static power. It utilizes a 65nm embedded flash process that minimizes leakage current.
---
## 3. Part Number Deciphering
Breaking down the specific string **LCMXO2-640UHC-4SG48C**:
| Segment | Meaning |
| :--- | :--- |
| **LCMXO2** | MachXO2 Product Family |
| **640** | Density: 640 Logic Cells |
| **U** | Ultra-low power / Specific Feature Set |
| **HC** | High Performance (2.5V/3.3V VCC) |
| **4** | Speed Grade (4 is standard) |
| **SG** | Package Type: QFN |
| **48** | Pin Count: 48 Pins |
| **C** | Temperature Grade: Commercial |
| **TRES** | Usually refers to "Tape and Reel" (TR) and "Environmental Standard" (ES/RoHS) |
---
## 4. Typical Applications
Because of its small footprint (QFN-48) and low logic density, this part is commonly used for:
1. **I/O Expansion:** Adding more GPIOs to a microcontroller.
2. **Interface Bridging:** Converting signals between different logic levels (e.g., 1.8V to 3.3V) or protocols (e.g., I2C to Parallel).
3. **Power Sequencing:** Managing the startup order of various rails on a motherboard.
4. **Glue Logic:** Replacing multiple discrete 74-series logic chips to save PCB space.
- ⤷
What is the difference between the 'HC' and 'ZE' variants in the MachXO2 family?
- ⤷ How do I program the internal Flash memory of the LCMXO2-640?
- ⤷ What software is required to develop code for this specific PLD?