Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • LCS-0A-R/E

  • AI
    The **LCS-0A-R/E** is a specific model within a series of **Limit Switches** (often categorized as microswitches or snap-action switches). These components are primarily used to detect the presence or position of a mechanical part and convert that physical action into an electrical signal. Below is a breakdown of the electronic and structural characteristics of this part. ### 1. Technical Specifications Table | Feature | Description | | :--- | :--- | | **Switch Type** | Snap-Action / Microswitch | | **Actuator Style** | Typically a Pin Plunger or Lever (depending on sub-variant) | | **Contact Configuration** | SPDT (Single Pole Double Throw) | | **Current Rating** | Usually 0.1A to 5A (model dependent) | | **Voltage Rating** | 125VAC / 250VAC | | **Termination** | Solder terminals or PCB pins | | **Operating Force** | Light to medium (approx. 150g - 300g) | --- ### 2. Key Electronic Components The "Electronic Parts" of a microswitch like the LCS-0A-R/E are purely electromechanical. There are no semiconductors (like transistors) inside; instead, it relies on precision metal components: * **Contacts (Silver or Gold Plated):** The points where the electrical circuit is made or broken. Gold plating is often used in "0A" low-current versions to prevent oxidation and ensure reliability in logic-level circuits. * **Snap-Action Spring:** A beryllium copper or stainless steel leaf spring. It provides the "snap" mechanism that ensures the contacts move rapidly regardless of the speed of the physical actuator. * **Plunger/Actuator:** The physical interface that translates external force to the internal spring. * **Housing:** Usually made of high-temperature thermoplastic (PBT or Phenolic) to provide electrical insulation and flame retardancy. --- ### 3. Part Number Decoding (Typical) While naming conventions vary by manufacturer (like C&K or Omron), the "LCS" series generally follows this logic: 1. **LCS:** Series name (Subminiature Snap-Action Switch). 2. **0A:** Denotes the electrical rating (often 0.1 Amp for low-power signal switching). 3. **R/E:** Refers to the **Actuator Position** or **Terminal Style**. * **R** often indicates a Right-hand PCB terminal or a specific roller lever position. * **E** may indicate the type of seal (Environmental protection) or a specific mounting bracket. ### 4. Common Applications * **Industrial:** End-of-travel detection for CNC machines or 3D printers. * **Automotive:** Detecting if a door is latched or a seatbelt is buckled. * **Consumer Goods:** Safety interlocks in microwaves or lid detection in washing machines. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact maximum current rating for the LCS-0A variant?
    • ⤷ How does the 'Snap-Action' mechanism differ from a standard toggle switch?
    • ⤷ What are the soldering temperature requirements for PCB-mounted LCS switches?