Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • LCS-0B-R/Q

  • AI
    The **LCS-0B-R/Q** is a specific series within the **LCS Miniature Snap Action Switch** family, manufactured by companies like **C&K (now part of Littelfuse)**. These components are primarily used as precision microswitches in industrial and consumer electronics. --- ## 1. Breakdown of the Part Number The alphanumeric code describes the specific physical and electrical configuration of the switch: | Segment | Code | Description | | :--- | :--- | :--- | | **Series** | **LCS** | Miniature Snap Action Switch (Subminiature size). | | **Rating** | **0B** | Low-level current rating (Gold plating). Typically 0.1 Amp @ 125/250 VAC. | | **Actuator** | **R** | Simulated Roller Lever (or specific lever length/shape). | | **Termination** | **Q** | Quick Connect / Solder terminals. | --- ## 2. Technical Specifications These parts are designed for reliability and high-cycle life in tight spaces. ### Electrical Characteristics * **Contact Rating:** 0.1 Amps at 125/250 VAC (Gold contacts are used for low-energy signals to prevent oxidation). * **Dielectric Strength:** 1,000 Vrms minimum at sea level. * **Insulation Resistance:** 100 MΩ minimum. * **Contact Resistance:** 50 mΩ maximum (initial). ### Physical & Mechanical Properties * **Operating Force:** Usually ranges from 60g to 150g depending on the specific spring tension. * **Mechanical Life:** Up to 10,000,000 cycles. * **Operating Temperature:** -40°C to +120°C (Standard industrial range). * **Housing Material:** Thermoplastic (UL 94V-0) for fire safety. --- ## 3. Key Components and Materials The LCS-0B-R/Q is constructed from several precision-engineered parts: 1. **Actuator (The "R"):** A lever that translates external physical force to the internal mechanism. The "R" usually indicates a roller or simulated roller to reduce friction. 2. **Contact Blade:** A beryllium copper spring mechanism that provides the "snap" action, ensuring fast transition between contacts to minimize arcing. 3. **Gold Plated Contacts:** Because it is an "0B" rating, the contacts are gold-plated. This is crucial for **logic-level switching** where voltages are low and cannot "clean" carbon buildup off silver contacts. 4. **Terminal Base:** The "Q" terminals are rigid metal pins suitable for quick-connect wires or direct soldering. --- ## 4. Common Applications * **Industrial:** Limit switches for CNC machinery or 3D printers. * **Automotive:** Door latch sensors or seatbelt detection. * **Consumer Electronics:** Detection of paper in printers or door interlocks in microwave ovens. * **Medical:** Fluid level detection or panel interface buttons. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 0B (gold) and 05 (silver) contact ratings in this series?
    • ⤷ Can the LCS-0B-R/Q be mounted directly onto a PCB?
    • ⤷ How does the 'snap action' mechanism prevent electrical arcing?