Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • LD1085DT-R

  • AI
    The **LD1085DT-R** is a high-performance, low-dropout (LDO) positive voltage regulator designed to provide up to 3A of output current. It belongs to the LD1085 series by STMicroelectronics and is widely used for high-efficiency power management. --- ### 1. Key Technical Specifications The "DT" in the part number signifies the **DPAK (TO-252)** package, which is a surface-mount device designed for good thermal performance. | Feature | Specification | | :--- | :--- | | **Output Type** | Adjustable (can be fixed in other variants) | | **Output Current** | Up to 3.0 A | | **Dropout Voltage** | 1.3 V (typical at 3A) | | **Input Voltage (Max)** | 30 V | | **Reference Voltage** | 1.25 V (±1% accuracy) | | **Package** | DPAK / TO-252 | | **Operating Temperature** | -40°C to 125°C | --- ### 2. Functional Description The LD1085DT-R functions as a linear regulator. It maintains a steady output voltage by dissipating excess input voltage as heat. * **Adjustable Output:** By using two external resistors ($R1$ and $R2$), the output voltage can be set according to the formula: $$V_{out} = V_{ref} \cdot (1 + \frac{R2}{R1}) + (I_{adj} \cdot R2)$$ * **Low Dropout:** Unlike standard regulators (like the LM317 which requires ~2.5V-3V headroom), the LD1085 requires only about 1.3V-1.5V more than the output voltage to function correctly. * **Internal Protection:** It includes internal current limiting and thermal shutdown circuitry to prevent damage during overloads or high-temperature conditions. --- ### 3. Typical Application Circuit To ensure stability and reduce noise, specific capacitors are required: ```mermaid graph LR In[Input Voltage] --> C1[Input Cap 10uF] C1 --> IC[LD1085DT-R] IC --> C2[Output Cap 10uF Tantalum] C2 --> Out[Regulated Output] ``` * **Input Capacitor:** A 10µF tantalum or electrolytic capacitor is recommended to filter input noise. * **Output Capacitor:** A minimum of 10µF is required for stability. Tantalum capacitors are preferred due to their Low ESR (Equivalent Series Resistance). --- ### 4. Advantages and Use Cases * **High Current Tasks:** Ideal for powering high-performance microprocessors, FPGAs, and logic circuits that require high amperage. * **Post-Regulation:** Often used after a switching regulator to "clean up" noise for sensitive analog circuits. * **Battery Powered Devices:** Due to the low dropout, it allows for longer battery life as the battery voltage drops closer to the target output.
    ✨ Follow-up Questions
    • ⤷ How do I calculate the resistor values for a specific output voltage?
    • ⤷ What are the thermal considerations for the DPAK package at 3A?
    • ⤷ Can I use ceramic capacitors instead of tantalum for the LD1085?