LD1580P2T-R
AI

The **LD1580P2T-R** is a high-performance, ultra-low dropout (LDO) linear voltage regulator designed by STMicroelectronics. It is specifically engineered to provide a stable, high-current output for modern low-voltage digital circuits.
---
### ## Technical Specifications
Below are the primary electrical characteristics of the LD1580P2T-R:
| Parameter | Value / Range |
| :--- | :--- |
| **Output Current** | Up to 7.0 A |
| **Input Voltage Range** | 3.0 V to 6.0 V |
| **Dropout Voltage** | ~0.54 V @ 7A (Typical) |
| **Output Voltage** | Adjustable (1.25 V to V_in - V_drop) |
| **Package Type** | P2PAK (TO-263-5) |
| **Operating Temperature** | -40°C to 125°C |
---
### ## Key Features
* **High Current Capability:** Capable of delivering up to 7A, making it suitable for high-power processors and FPGAs.
* **Ultra-Low Dropout:** Minimizes power dissipation and allows for efficient regulation even when the input voltage is very close to the output voltage.
* **Fast Transient Response:** Designed to react quickly to sudden changes in load current, which is critical for digital processing units.
* **Adjustable Output:** The output voltage is set via an external resistor divider, providing flexibility in circuit design.
* **Protection Circuitry:** Includes internal current limiting and thermal shutdown to prevent device failure under fault conditions.
---
### ## Pinout Configuration
The device usually comes in a 5-pin P2PAK. The standard pin assignments are:
1. **ADJ/GND:** Reference pin for setting output voltage.
2. **Vout:** Regulated output voltage.
3. **Vout (Tab):** Connected to the output (acts as a heatsink).
4. **Vin:** Input supply voltage.
5. **V_control:** Bias supply for the internal control circuitry (allows for lower dropout).
---
### ## Application Circuit Example
To calculate the output voltage, the following formula is typically used:
`Vout = Vref * (1 + R1 / R2)` where **Vref** is approximately 1.25V.
```cpp
// Typical Component Values for 2.5V Output:
// R1 = 1k Ohm
// R2 = 1k Ohm
// Vout = 1.25 * (1 + 1000 / 1000) = 2.5V
```
---
### ## Common Applications
* Microprocessor Power Supplies
* Graphics Card Voltage Regulators
* High-Efficiency Post Regulators for Switching Supplies
* Low-Voltage/High-Current FPGA Power Rails
- ⤷What is the difference between V_in and V_control pins in this IC?
- ⤷ How do I calculate the heat sink size required for a 7A load?
- ⤷ What are the recommended capacitor values for stability?