LD29080S18-R
AI

The **LD29080S18-R** is a high-current, high-precision Low Dropout (LDO) voltage regulator manufactured by STMicroelectronics. It is designed specifically for applications requiring a stable 1.8V output with low power dissipation.
---
## 1. Technical Specifications
The following table summarizes the key electrical characteristics of the device:
| Feature | Specification |
| :--- | :--- |
| **Output Voltage** | Fixed 1.8V |
| **Max Output Current** | 800 mA |
| **Dropout Voltage** | Typ. 400 mV @ 800 mA |
| **Input Voltage Range** | Up to 13V (Operating) / 15V (Absolute Max) |
| **Quiescent Current** | Typ. 5 mA @ 800 mA load |
| **Package Type** | SOT-223 (Surface Mount) |
| **Operating Temperature** | -40°C to +125°C |
---
## 2. Pin Configuration (SOT-223)
The device typically features a 3-pin + Tab layout:
1. **Pin 1 (VIN):** Input voltage. Must be decoupled with a capacitor to ground.
2. **Pin 2 (GND/TAB):** Ground. The tab is physically connected to the ground pin for thermal dissipation.
3. **Pin 3 (VOUT):** Stabilized 1.8V output. Requires an output capacitor for stability.
---
## 3. Key Electronic Features
### Low Dropout Voltage
The "Low Dropout" nature means the regulator can maintain its 1.8V output even when the input voltage is only slightly higher (e.g., ~2.2V). This improves efficiency and reduces heat generation compared to standard linear regulators.
### Protection Circuitry
* **Internal Current Limit:** Protects the device during short-circuit or overload conditions.
* **Thermal Shutdown:** The device automatically shuts down if the internal junction temperature exceeds safety limits (usually around 150°C).
### Stability Requirements
This regulator requires an **output capacitor** for stability.
* **Capacitance:** Minimum 10 µF.
* **ESR Range:** It is compatible with low-ESR capacitors (like Tantalum or Ceramic), though the datasheet specifies an ESR range to prevent oscillation.
---
## 4. Typical Application Circuit
The implementation is straightforward, requiring only two external components:
```text
[Input Voltage] ----+----[ VIN ] (LD29080) [ VOUT ]----+---- [ 1.8V Output ]
| |
[C_in] [C_out]
(2.2uF - 10uF) (10uF min)
| |
[ GND ] ------------+------------[ GND ]-----------------+---- [ GND ]
```
---
## 5. Common Use Cases
* **Microprocessor Power:** Providing 1.8V core logic power for FPGAs and DSPs.
* **Post-Regulation:** Cleaning up noise from switching power supplies.
* **Battery-Powered Equipment:** Efficiently dropping battery voltage to logic levels.
- ⤷
What is the maximum power dissipation for the SOT-223 package in this application?
- ⤷ How does the ESR of the output capacitor affect the stability of the LD29080?
- ⤷ Can the LD29080S18-R handle input voltages as low as 2.0V?