Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • LD2985G-BJ-AF5-R

  • AI
    # Technical Overview of LD2985G-BJ-AF5-R The **LD2985G-BJ-AF5-R** is a high-precision, low-dropout (LDO) linear voltage regulator. It is specifically designed for applications that require low noise and low quiescent current, such as battery-powered handheld devices. --- ## 1. Core Specifications The following table outlines the primary electrical characteristics of the LD2985G-BJ-AF5-R: | Parameter | Specification | | :--- | :--- | | **Output Voltage** | 1.2V to 5.0V (Fixed or Adjustable variants) | | **Maximum Output Current** | 150 mA | | **Dropout Voltage** | ~280 mV @ 150mA | | **Input Voltage Range** | Up to 16V | | **Package Type** | SOT-25 / SOT-23-5 | | **Operating Temperature** | -40°C to +125°C | | **Quiescent Current** | 850 µA (at full load); 1 µA (in Shutdown) | --- ## 2. Key Features and Functions * **Low Noise Operation:** Includes a dedicated bypass pin to connect an external capacitor, significantly reducing output noise for sensitive RF circuits. * **Electronic Shutdown:** Features an "ON/OFF" control pin (Logic level), allowing the device to enter a zero-current mode to save battery life. * **Protection Circuitry:** * **Internal Thermal Overload Protection:** Automatically shuts down if the junction temperature exceeds limits. * **Short Circuit Current Limiting:** Prevents damage to the regulator during fault conditions. * **Stability:** Designed to be stable with low-ESR ceramic capacitors, reducing the overall PCB footprint. --- ## 3. Pin Configuration (SOT-23-5) | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **VIN** | Input Voltage | | 2 | **GND** | Ground | | 3 | **ON/OFF** | Shutdown Control (High = ON, Low = OFF) | | 4 | **BYPASS** | Noise Bypass Pin (Connect capacitor to GND) | | 5 | **VOUT** | Regulated Output Voltage | --- ## 4. Part Number Breakdown (Naming Convention) While naming can vary slightly by manufacturer (like STMicroelectronics or UTC), the suffix typically indicates: * **LD2985**: Series name. * **G**: Green/Halogen-Free. * **BJ**: Voltage code (e.g., 2.5V, 3.0V, 3.3V). * **AF5**: Package code for SOT-23-5. * **R**: Tape and Reel packaging. ---
    ✨ Follow-up Questions
    • ⤷ What is the significance of the Bypass capacitor value for noise reduction?
    • ⤷ How does the dropout voltage change with lower current loads?
    • ⤷ Can this LDO be used for automotive applications?