Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • LD2985L-D0-AF5-R

  • AI
    The **LD2985L-D0-AF5-R** is a low-dropout (LDO) linear voltage regulator. It is designed for applications requiring high precision, low noise, and low quiescent current, such as handheld devices or battery-powered electronics. Below is a detailed breakdown of its electronic parts, specifications, and characteristics. --- ## 1. Technical Specifications This component is typically manufactured by UTC (Unisonic Technologies). Here are the primary electrical parameters: | Parameter | Value / Description | | :--- | :--- | | **Input Voltage Range** | Up to 16V | | **Output Voltage** | 3.0V (Fixed) | | **Output Current** | 150 mA | | **Dropout Voltage** | ~280mV at 150mA | | **Package Type** | SOT-25 (SOT-23-5) | | **Quiescent Current** | 850µA (at full load), 1µA (Shutdown mode) | | **Stability** | Requires Ultra Low ESR output capacitors | --- ## 2. Pin Configuration (SOT-25) The device typically features 5 pins, each serving a specific electronic function: 1. **VIN (Input)**: Supply voltage input. 2. **GND (Ground)**: Common ground. 3. **ON/OFF (Enable)**: Logic-controlled shutdown. High = Active; Low = Standby. 4. **BYPASS**: Connecting a small capacitor here significantly reduces output noise. 5. **VOUT (Output)**: Regulated 3.0V output. --- ## 3. Key Electronic Characteristics ### A. Low Dropout Architecture Unlike standard regulators (like the LM7805) that require a 2V difference between input and output, this part can maintain a stable 3.0V output even when the input drops to approximately 3.3V. ### B. The Bypass Capacitor The inclusion of a **Bypass pin** allows for an external capacitor to be connected to the internal bandgap reference. This filters out high-frequency noise, making it suitable for RF and sensitive audio circuits. ### C. Shutdown Logic The "ON/OFF" pin allows the system microcontroller to disable the regulator. When disabled, the part consumes less than **1µA**, preserving battery life in portable electronics. --- ## 4. Part Number Decoder Understanding the suffix codes: * **LD2985L**: Series name (Low Noise LDO). * **D0**: Denotes the 3.0V fixed output voltage. * **AF5**: SOT-25 Package. * **R**: Tape & Reel packaging. --- ## 5. Typical Application Circuit ```mermaid graph LR In[Input Voltage] --> Vin[Pin 1: VIN] Cap1[1uF Cap] --- Vin On[Logic Signal] --> En[Pin 3: ON/OFF] Byp[Pin 4: BYPASS] --- Cap2[10nF Cap] Vout[Pin 5: VOUT] --> Out[Regulated 3.0V] Cap3[2.2uF Low ESR Cap] --- Vout Gnd[Pin 2: GND] --- Earth[Ground] ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum input voltage the LD2985L can handle safely?
    • ⤷ Can this regulator be used with ceramic capacitors on the output?
    • ⤷ What are the common alternatives to the LD2985L in the same SOT-25 package?