LED430-06
AI

The **LED430-06** is a high-performance AlGaInP (Aluminum Gallium Indium Phosphide) ultraviolet/violet light-emitting diode. It is commonly utilized in specialized industrial, medical, and analytical applications due to its specific peak wavelength and high output power.
### Technical Specifications
The following table outlines the typical electrical and optical characteristics of the LED430-06:
| Parameter | Symbol | Typical Value | Unit |
| :--- | :--- | :--- | :--- |
| **Peak Wavelength** | $\lambda_p$ | 430 | nm |
| **Forward Voltage** | $V_F$ | 3.6 - 4.2 | V |
| **Forward Current** | $I_F$ | 20 | mA |
| **Radiant Intensity** | $I_e$ | 10 - 20 | mW/sr |
| **Viewing Half Angle** | $\theta_{1/2}$ | ±30 | deg |
| **Operating Temperature** | $T_{opr}$ | -30 to +85 | °C |
---
### Key Electronic Components & Construction
The LED430-06 is more than just a light source; its physical architecture dictates its performance:
1. **Semiconductor Die:** Uses **AlGaInP** technology. This material choice is critical for achieving the 430nm (Violet) spectrum efficiently.
2. **Lead Frame:** Usually silver-plated copper to ensure high thermal conductivity and low electrical resistance.
3. **Encapsulation:** Typically housed in a clear, UV-resistant epoxy resin or a glass lens (TO-18 package style is common for this specific part) to prevent degradation from the high-energy light emitted.
4. **Anode/Cathode Leads:** Standard polar configuration where the longer lead (or the lead not connected to the case) is the Anode (+).
### Application Use-Cases
* **Medical Equipment:** Used in phototherapy and certain types of dental curing.
* **Analytical Chemistry:** Often serves as a light source for spectroscopy or high-performance liquid chromatography (HPLC) detectors.
* **Counterfeit Detection:** Useful for identifying fluorescent security features in banknotes or identification cards.
---
### Driving the LED (Circuit Example)
To operate the LED430-06 safely, a current-limiting resistor is mandatory. Assuming a 5V supply:
```cpp
// Calculation for Current Limiting Resistor (R)
// R = (V_supply - V_forward) / I_forward
// R = (5.0V - 3.8V) / 0.02A
// R = 60 Ohms (Standard value: 62 or 68 Ohms)
```
- ⤷What is the difference between AlGaInP and InGaN LEDs?
- ⤷ Can the LED430-06 be used for UV resin curing?
- ⤷ How does temperature affect the peak wavelength of this LED?