LMC1608TP-R22G
AI

The **LMC1608TP-R22G** is a surface-mount (SMD) multilayer chip inductor typically used in high-frequency applications. It belongs to the 1608 (metric) or 0603 (inch) size category.
---
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the component's characteristics:
| Code Segment | Description | Value/Meaning |
| :--- | :--- | :--- |
| **LMC** | Series Code | Multilayer Ceramic High-Frequency Inductor |
| **1608** | Case Size | 1.6mm x 0.8mm (EIA 0603) |
| **TP** | Packaging | Tape and Reel |
| **R22** | Inductance Value | 0.22 µH (220 nH) |
| **G** | Tolerance | ±2% (High Precision) |
---
### 2. Technical Specifications
While exact values can vary slightly by manufacturer (such as Taiyo Yuden or Walsin), the standard specifications for an R22G 1608 inductor are generally:
* **Inductance:** 220 nH
* **Tolerance:** ±2% (G-grade is tighter than the common J-grade ±5%)
* **Self-Resonant Frequency (SRF):** Typically 450 MHz – 600 MHz
* **DC Resistance (DCR):** Usually in the range of 0.70 – 1.20 Ω (Max)
* **Rated Current:** Approximately 150mA – 300mA
* **Operating Temperature:** -55°C to +125°C
---
### 3. Key Features and Construction
The LMC series utilizes **Multilayer Ceramic Technology**, which provides several advantages over wire-wound inductors:
1. **Monolithic Structure:** Provides high reliability and excellent magnetic shielding, reducing crosstalk between components.
2. **High Q-Factor:** Designed to maintain low loss at high frequencies.
3. **Miniaturization:** The 0603 footprint is ideal for high-density circuit boards in portable electronics.
---
### 4. Common Applications
Due to its high-frequency performance and tight tolerance (±2%), this part is commonly found in:
* **RF Matching Circuits:** Used for impedance matching in Bluetooth, Wi-Fi, and cellular modules.
* **Filtering:** Low-pass or high-pass filters in communication equipment.
* **Oscillators:** Stability in LC resonant circuits.
* **Mobile Devices:** Power management and signal integrity in smartphones and tablets.
---
### 5. Mechanical Dimensions
| Dimension | Metric (mm) | Inch (in) |
| :--- | :--- | :--- |
| **Length (L)** | 1.60 ± 0.15 | 0.063 ± 0.006 |
| **Width (W)** | 0.80 ± 0.15 | 0.031 ± 0.006 |
| **Thickness (T)**| 0.80 ± 0.15 | 0.031 ± 0.006 |
- ⤷
What is the difference between this multilayer inductor and a wire-wound inductor?
- ⤷ How does the 'G' tolerance impact the performance of an RF matching circuit?
- ⤷ What is the typical shelf life and storage conditions for these SMD components?