Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • LP2980

  • AI
    ## Overview of the LP2980 The **LP2980** is a wide-input, fixed-output, low-dropout (LDO) voltage regulator designed specifically for battery-powered applications. It is renowned for its ultra-low quiescent current and very low dropout voltage, making it ideal for extending battery life in portable electronics. --- ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 2.1V to 16V | | **Output Current** | Up to 50mA | | **Dropout Voltage** | ~120mV @ 50mA load | | **Quiescent Current** | 120µA (at 50mA load); 0.5µA (in sleep mode) | | **Output Voltage Accuracy** | 0.5% (A Grade), 1.0% (Standard Grade) | | **Package Type** | SOT-23 (5-pin) | --- ### Major Internal Components The LP2980 consists of several critical electronic sub-circuits integrated into a single silicon chip: 1. **Series Pass Transistor (PNP):** Unlike standard regulators that use NPN transistors, the LP2980 uses a **PNP pass element**. This allows the device to maintain regulation even when the input voltage is only slightly higher than the output voltage. 2. **Bandgap Reference:** A high-precision internal voltage reference that stays stable despite changes in temperature or input voltage. 3. **Error Amplifier:** This component constantly monitors the output voltage via a feedback loop and adjusts the base current of the PNP transistor to keep the output steady. 4. **Shutdown Logic:** A digital input pin (ON/OFF) that allows the system to put the regulator into a "sleep" mode, reducing current draw to near zero. --- ### Pin Configuration (SOT-23) | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **VIN** | Unregulated supply input. | | 2 | **GND** | Ground reference. | | 3 | **ON/OFF** | Shutdown control (High = Active, Low = Sleep). | | 4 | **NC/ADJ** | No Connection (Fixed versions) or Feedback (Adjustable versions). | | 5 | **VOUT** | Regulated output voltage. | --- ### Critical External Components To ensure the LP2980 operates correctly, the following external parts are required: * **Input Capacitor ($C_{IN}$):** Usually a $1\mu F$ tantalum or ceramic capacitor is required if the device is more than a few inches away from the main power supply filter. * **Output Capacitor ($C_{OUT}$):** This is **critical for stability**. The LP2980 requires a capacitor (typically $\ge 2.2\mu F$) with a specific **ESR (Equivalent Series Resistance)** range. If the ESR is too low (like some ceramic caps) or too high, the regulator may oscillate. --- ### Typical Application Circuit ```mermaid graph LR Vin[Input Voltage] -->|Capacitor| Pin1(VIN) Pin3(ON/OFF Control) --> Pin3 Pin2(GND) --> Ground Pin5(VOUT) -->|Output Cap| Vload[Regulated Output] ```
    ✨ Follow-up Questions
    • What are the specific ESR requirements for the output capacitor to prevent oscillation?
    • How does the LP2980 compare to the LP2985 in terms of current output?
    • Can the LP2980 be used with purely ceramic output capacitors?