LP2W-27S-R-Z
AI

The **LP2W-27S-R-Z** is a high-quality, illuminated push-button switch manufactured by **Nidec Components (formerly Copal Electronics)**. It belongs to the LP series, designed specifically for applications requiring high reliability and a compact footprint.
---
### 1. Technical Specifications
The following table summarizes the primary electrical and physical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Nidec Components (Copal) |
| **Circuit Type** | DPDT (Double Pole Double Throw) |
| **Switch Function** | Momentary (Non-Latching) |
| **Current Rating** | 3A @ 125VAC / 3A @ 250VAC |
| **Contact Resistance** | 50 mΩ Max |
| **Illumination** | LED (Red) |
| **Termination Style** | PC Pin (Through-hole) |
| **Operating Force** | 1.96 ~ 2.94 N |
---
### 2. Part Number Breakdown
Understanding the suffix codes helps in identifying the specific variant:
* **LP2W**: Series identifier (Small, illuminated push-button).
* **27**: Designates the specific size or internal configuration (often linked to the DPDT circuit).
* **S**: Silver contacts (Standard for power switching).
* **R**: **Red** LED color for the illumination.
* **Z**: RoHS compliant / Standard specification indicator.
---
### 3. Key Electronic Components & Features
#### A. Internal Contact Mechanism
The **DPDT (Double Pole Double Throw)** configuration allows the switch to control two separate circuits simultaneously. Because it is **momentary**, the circuit is only engaged while the button is being physically pressed.
#### B. Integrated LED
The unit features a built-in **Red LED**. Note that LEDs are polarity-sensitive; the terminal pins for the LED are separate from the switch contacts. You typically need a current-limiting resistor in series with the LED to prevent burnout.
#### C. Snap-Action Feedback
These switches are known for a crisp, tactile "click" (snap-action), providing the user with physical confirmation that the connection has been made.
---
### 4. Application Use Cases
Due to its robust rating and illuminated status, this part is commonly found in:
* **Industrial Control Panels:** As a reset or start button.
* **Audio/Video Equipment:** For channel switching or signal routing.
* **Medical Devices:** Where reliable, visible feedback is required.
* **Test & Measurement Tools:** For mode selection.
- ⤷
What is the recommended resistor value for the Red LED in this switch at 5V?
- ⤷ Does this model come in a latching (alternate action) version?
- ⤷ What is the mechanical life expectancy of the LP2W series?