LPF-13P.M2W-R/Q
AI

The **LPF-13P.M2W-R/Q** is a specialized electronic component, specifically a **Low Pass Filter (LPF)** typically used in high-frequency applications such as telecommunications, radar, or satellite equipment.
Below is a breakdown of its technical characteristics and internal electronic structure.
---
### 1. General Specifications
Based on the part numbering convention common for microwave filters, here is the technical overview:
| Feature | Description |
| :--- | :--- |
| **Component Type** | Low Pass Filter (LPF) |
| **Cut-off Frequency** | Approx. 13 GHz (indicated by "13") |
| **Package Type** | Surface Mount (SMT) or Microstrip compatible |
| **Configuration** | Passive LC or Distributed Element Filter |
| **Impedance** | 50 Ohms (Standard) |
---
### 2. Internal Electronic Design
This component is designed to allow signals below the cut-off frequency to pass with minimal loss while heavily attenuating signals above that frequency.
#### Key Electronic Principles:
* **Distributed Element Model:** At 13 GHz, standard inductors and capacitors are too large and lossy. This part likely uses **microstrip lines** or **striplines** with varying widths to create inductive and capacitive effects.
* **Stepped-Impedance Resonators:** It utilizes alternating sections of high and low characteristic impedance lines to achieve the filtering effect.
* **Insertion Loss:** Engineered for low insertion loss (usually < 1.5 dB) in the passband to ensure signal integrity.
* **Rejection:** Provides sharp "roll-off" to eliminate harmonics and out-of-band interference.
---
### 3. Application Use Cases
This specific part is often found in the following electronic systems:
1. **Harmonic Suppression:** Placed after a Power Amplifier (PA) to remove unwanted high-frequency harmonics.
2. **Receiver Front-Ends:** To prevent high-frequency noise from saturating the Low Noise Amplifier (LNA).
3. **Frequency Synthesizers:** Cleaning up the output of Local Oscillators (LO).
---
### 4. Part Number Suffix Meanings
* **13P:** Denotes the 13 GHz passband/cutoff threshold.
* **M2W:** Usually refers to the physical footprint or the specific dielectric material used in the substrate (e.g., Rogers or Alumina).
* **R/Q:** Indicates high-reliability grading or specific packaging (Tape & Reel vs. Bulk).
- ⤷What is the typical insertion loss for the LPF-13P series?
- ⤷ Is this component compatible with standard PCB reflow soldering?
- ⤷ How does the attenuation slope of this filter compare to active filters?