AI

## LPS5030 Series: Electronic Components Overview
The **LPS5030** is a specific series of high-performance, shielded power inductors manufactured by **Coilcraft**. These components are widely used in DC-DC converters and power management circuits where board space is limited but high efficiency is required.
---
### 1. Key Technical Specifications
The "5030" designation refers to the physical dimensions: approximately **5.0 mm x 5.0 mm** with a height of **3.0 mm**.
| Parameter | Typical Range / Value |
|:---|:---|
| **Inductance Range** | 0.90 µH to 4700 µH |
| **Current Handling (Isat)** | Up to 4.2 Amps (varies by inductance) |
| **DCR (DC Resistance)** | Low (starting from ~0.040 Ohms) |
| **Shielding** | Magnetically Shielded (Low EMI) |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Internal Construction & Design
The LPS5030 is engineered as a **wire-wound inductor** with specific design features:
* **Magnetic Shielding:** The coil is enclosed in a ferrite-plastic compound. This prevents magnetic flux from escaping, reducing interference with nearby components (EMI).
* **Small Footprint:** It is designed for Surface Mount Technology (SMT) with a square base, providing high stability during the soldering process.
* **Low DCR:** It utilizes high-quality copper windings to minimize power loss through heat, which is critical for battery-powered devices.
---
### 3. Core Functionality
As an electronic part, the LPS5030 performs three primary roles in a circuit:
1. **Energy Storage:** In switching regulators (Buck/Boost), it stores energy in its magnetic field during the "ON" cycle and releases it during the "OFF" cycle.
2. **Filtering:** It blocks high-frequency AC noise while allowing DC to pass, smoothing out voltage ripples.
3. **Current Regulation:** It resists sudden changes in current, protecting sensitive downstream components.
---
### 4. Common Applications
Due to its low profile and high current capacity, you will find the LPS5030 in:
* **Handheld Electronics:** Smartphones, tablets, and GPS units.
* **DC-DC Converters:** Point-of-load (POL) power supplies.
* **LED Drivers:** Providing constant current for lighting displays.
* **Portable Medical Devices:** Where compact size and reliability are paramount.
---
### 5. Identification Example
When looking at a part number like **LPS5030-103MLC**:
* **LPS:** Series name (Low Profile Shielded).
* **5030:** Size (5.0 x 5.0 x 3.0 mm).
* **103:** Inductance value ($10 \times 10^3$ nH = 10 µH).
* **M:** Tolerance (typically ±20%).
- ⤷
What is the difference between the LPS5030 and the LPS5015 series?
- ⤷ How does 'Saturation Current' (Isat) affect the choice of this inductor?
- ⤷ Are there automotive-grade versions (AEC-Q200) for the LPS5030?