LR1102B-50-AF5-R
AI

The **LR1102B-50-AF5-R** is a specific low-dropout (LDO) linear voltage regulator manufactured by **UTC (Unisonic Technologies)**. It is designed to provide a stable, fixed output voltage while maintaining a small footprint, making it ideal for battery-powered or space-constrained electronic devices.
---
## 1. Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage** | Fixed 5.0V |
| **Input Voltage (Max)** | Up to 7.0V |
| **Output Current** | 300mA |
| **Package Type** | SOT-25 (also known as SOT-23-5) |
| **Quiescent Current** | ~50µA (Typical) |
| **Drop-out Voltage** | ~300mV @ 300mA |
| **Operating Temperature** | -40°C to +85°C |
---
## 2. Key Features and Functions
* **Low Dropout (LDO):** It can maintain a stable 5V output even when the input voltage is only slightly higher (e.g., 5.3V), which minimizes energy loss as heat.
* **Built-in Protection:**
* **Current Limiting:** Protects the IC during short-circuit conditions.
* **Thermal Shutdown:** Shuts the device off if it exceeds safe operating temperatures.
* **Enable Pin:** Includes an "ON/OFF" control pin, allowing the system to put the regulator into standby mode to save battery life.
* **Low Noise:** Designed to provide a clean power supply for sensitive analog or RF components.
---
## 3. Pin Configuration (SOT-25)
The standard pinout for this UTC part is typically as follows:
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1 | **VIN** | Input Supply Voltage |
| 2 | **GND** | Ground |
| 3 | **CE / EN** | Chip Enable (High = ON, Low = OFF) |
| 4 | **NC / BYP** | No connection or Bypass Capacitor |
| 5 | **VOUT** | Regulated 5.0V Output |
---
## 4. Typical Application Circuit
To ensure stability, LDOs require external capacitors. Below is a conceptual representation of how to wire the LR1102B:
```text
[Input Voltage] ----[ VIN ]-------[ VOUT ]---- [ 5.0V Load ]
| |
[1uF Cap] [1uF - 10uF Cap]
| |
[Ground] ------------[ GND ]------------------- [ Ground ]
```
---
## 5. Part Number Decoding
The suffix **"AF5-R"** provides information about the physical packaging:
* **AF5:** Indicates the SOT-25 package style.
* **R:** Indicates "Tape and Reel" packaging for automated assembly.
* **50:** Represents the 5.0V output voltage.
- ⤷
What is the maximum power dissipation of the LR1102B in the SOT-25 package?
- ⤷ Can this regulator be used with a 9V battery input?
- ⤷ What are the recommended values for the bypass capacitor on pin 4?