LR1102BL-18-AF5-R
AI

The **LR1102BL-18-AF5-R** is a low-dropout (LDO) linear regulator produced by Unisonic Technologies (UTC). It is designed specifically for low-power applications requiring a stable voltage supply.
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the specific characteristics of the component:
| Code Segment | Meaning |
| :--- | :--- |
| **LR1102** | Base series number (LDO Linear Regulator) |
| **B** | Indicates the accuracy/version of the IC |
| **L** | Lead-free and Halogen-free (Environmental Compliance) |
| **18** | Fixed Output Voltage: **1.8V** |
| **AF5** | Package Type: **SOT-25** |
| **R** | Packing style: **Tape & Reel** |
---
### 2. Key Technical Specifications
The LR1102 series is characterized by high precision and low quiescent current.
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage** | 1.8V (Fixed) |
| **Maximum Output Current** | 300mA |
| **Input Voltage Range** | Up to 6V (Typical) |
| **Quiescent Current ($I_Q$)** | ~50µA (Typical) |
| **Dropout Voltage** | ~300mV @ 300mA |
| **Ripple Rejection (PSRR)** | 70dB @ 1kHz |
| **Operating Temperature** | -40°C to +85°C |
---
### 3. Pin Configuration (SOT-25)
The AF5 (SOT-25) package typically follows this standard layout for LDOs:
1. **VIN**: Input Supply Voltage.
2. **GND**: Ground pin.
3. **CE (Enable)**: High = On; Low = Shutdown mode.
4. **NC/BP**: No connection or Bypass capacitor (used to reduce noise).
5. **VOUT**: Regulated 1.8V Output.
---
### 4. Features & Protective Functions
* **Low Noise:** Optimized for RF and sensitive analog circuits.
* **Shutdown Mode:** Includes a chip-enable (CE) pin to reduce power consumption to near zero when the device is not in use.
* **Built-in Protection:**
* **Current Limit Protection:** Prevents damage during short-circuit conditions.
* **Thermal Shutdown:** Automatically turns off the IC if the junction temperature exceeds safe limits.
### 5. Common Applications
* Battery-powered equipment (Mobile phones, tablets).
* Low-voltage microcontrollers (MCUs) requiring a 1.8V core voltage.
* Reference voltage sources for analog-to-digital converters (ADCs).
* Wireless communication modules (Bluetooth/Zigbee).
- ⤷
What is the maximum input voltage for the LR1102BL-18-AF5-R?
- ⤷ Can you recommend a replacement LDO with similar 1.8V output specifications?
- ⤷ What capacitor values are recommended for the input and output pins of this IC?