LR1102BL-25-AF5-R
AI

The **LR1102BL-25-AF5-R** is a low-dropout (LDO) linear regulator manufactured by UTC (Unisonic Technologies Co., Ltd). It is designed to provide a stable 2.5V output from a higher input voltage with very low noise and high ripple rejection.
---
### ## 1. Technical Specifications
The table below highlights the core electrical characteristics of the device:
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage** | 2.5V (Fixed) |
| **Output Current** | 150mA to 300mA (typical range) |
| **Input Voltage (Max)** | 6.0V - 7.0V |
| **Dropout Voltage** | Low (typically ~150-300mV at full load) |
| **Quiescent Current** | ~50µA (Low power consumption) |
| **Package Type** | SOT-25 / SOT-23-5 |
| **Operating Temperature** | -40°C to +85°C |
---
### ## 2. Part Number Breakdown
Understanding the suffix codes helps in identifying the specific variant:
* **LR1102**: Basic model series (Low Noise LDO).
* **B**: Version/Revision (often indicates specific accuracy or enable pin logic).
* **L**: Lead-free/Halogen-free plating.
* **25**: Indicates the **2.5V** fixed output voltage.
* **AF5**: Refers to the **SOT-25** (also known as SOT-23-5) package.
* **R**: Tape and Reel packaging.
---
### ## 3. Key Features and Functions
The LR1102BL series is built with several integrated protections and performance features:
1. **Low Noise Output:** Ideal for RF circuits and sensitive analog components (like ADCs).
2. **Enable (EN) Pin:** Allows the chip to be put into a shutdown mode, reducing current consumption to nearly zero (typically <1µA).
3. **Built-in Protections:**
* **Over-Current Protection (OCP):** Limits the output current to prevent damage during a short circuit.
* **Thermal Shutdown:** Shuts the device off if the internal junction temperature exceeds safe limits.
4. **Stability:** Usually requires only small ceramic capacitors (e.g., 1µF) for stable operation, saving PCB space.
---
### ## 4. Typical Application Circuit
In a standard design, the component is used as follows:
```c
Input (Vin) ----[ C1 (1uF) ]----| (IN) (OUT) |----[ C2 (1uF) ]---- Output (2.5V)
| LR1102 |
Logic High/Low -----------------| (EN) (GND) |-------------------- Ground
```
### ## 5. Common Applications
* Battery-powered portable equipment (Smartphones, MP3 players).
* Reference voltage sources for microcontrollers (MCUs).
* Wireless communication modules (Bluetooth, Wi-Fi).
* Post-regulation for switching power supplies.
---
- ⤷What is the maximum input voltage for the LR1102 series?
- ⤷ How does the 'Enable' pin function in a battery-powered circuit?
- ⤷ Can I substitute the LR1102BL-25 with a 3.3V version if the load allows?