LR1102BL-30-AF5-R
AI

The **LR1102BL-30-AF5-R** is a low-dropout (LDO) linear voltage regulator. It is designed to provide a stable 3.0V output from a higher input voltage with very low power consumption, making it ideal for battery-powered applications.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage** | 3.0V (Fixed) |
| **Input Voltage Range** | Up to 6V - 7V (Typical Max) |
| **Output Current** | 150mA to 300mA (Series dependent) |
| **Dropout Voltage** | Low (typically < 300mV at full load) |
| **Quiescent Current** | Very Low (Micro-ampere range) |
| **Package Type** | SOT-25 / SOT-23-5 |
| **Operating Temperature** | -40°C to +85°C |
---
### 2. Part Number Breakdown
The nomenclature follows the standard naming convention for UTC (Unisonic Technologies Co):
* **LR1102**: Base series number (Low Dropout Regulator).
* **B**: Accuracy/Feature grade.
* **L**: Lead-free/Halogen-free.
* **30**: 3.0V Output voltage.
* **AF5**: Package code (SOT-25 / SOT-23-5).
* **R**: Tape and Reel packaging.
---
### 3. Pin Configuration (Typical SOT-25)
Standard LDOs in this package usually follow this pinout:
1. **VIN**: Input Voltage Supply.
2. **GND**: Ground Reference.
3. **CE / EN**: Chip Enable (High = On, Low = Off).
4. **NC / ADJ**: No connection (for fixed versions).
5. **VOUT**: Regulated 3.0V Output.
---
### 4. Typical Application Circuit
To ensure stability, LDOs require external capacitors.
```c
Input (Vin) ----[ CIN 1uF ]----| VIN (1) VOUT (5) |----[ COUT 1uF ]---- Output (3.0V)
| LR1102 |
Enable (Hi) -------------------| CE (3) GND (2) |-------------------- Ground
```
### 5. Features and Advantages
* **Low Noise:** Suitable for RF and sensitive analog circuits.
* **Small Footprint:** The SOT-25 package saves PCB space.
* **Shutdown Mode:** Using the Enable (CE) pin, the device can be turned off to conserve battery life (typically < 1µA in shutdown).
* **Protection:** Includes internal thermal shutdown and current limiting.
- ⤷
What is the maximum input voltage for the LR1102 series?
- ⤷ Can I use ceramic capacitors for both input and output?
- ⤷ Is there an adjustable version of this LDO available?