LR1102BL-50-AF5-R
AI

The **LR1102BL-50-AF5-R** is a specific part number typically associated with a **Low Dropout (LDO) Linear Voltage Regulator**. This component is widely used in power management to provide a stable, fixed output voltage from a higher, fluctuating input source.
---
## 1. Technical Specifications
The following table highlights the primary electrical characteristics of the LR1102BL series (5.0V variant).
| Feature | Specification |
| :--- | :--- |
| **Output Voltage (Fixed)** | 5.0 V |
| **Output Current** | Typically 300mA - 600mA (model dependent) |
| **Dropout Voltage** | Low (approx. 300mV at full load) |
| **Input Voltage Range** | Up to 6V - 7V |
| **Package Type** | SOT-25 / SOT-23-5 (AF5 code) |
| **Accuracy** | ±2% |
| **Quiescent Current** | Low (ideal for battery applications) |
---
## 2. Part Number Breakdown
Understanding the suffix codes helps identify the exact physical and electrical properties:
* **LR1102**: The series name (LDO Regulator).
* **BL**: Indicates specific internal revisions or low-noise characteristics.
* **50**: Represents the **5.0V** fixed output voltage.
* **AF5**: Refers to the **SOT-25** (also known as SOT-23-5) 5-pin package.
* **R**: Indicates **Tape & Reel** packaging for automated assembly.
---
## 3. Typical Pin Configuration
For the AF5 (SOT-25) package, the pinout usually follows this standard layout:
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1 | **VIN** | Input Voltage Supply |
| 2 | **GND** | Ground |
| 3 | **EN / CE** | Chip Enable (Active High) |
| 4 | **NC / BYP** | No connection or Bypass Capacitor |
| 5 | **VOUT** | Regulated 5.0V Output |
---
## 4. Key Electronic Features
* **LDO Architecture:** Unlike switching regulators, it uses a pass transistor in a linear mode, resulting in very low output noise and ripple.
* **Enable Pin:** Allows the system to shut down the regulator to save power, reducing current draw to near-zero levels.
* **Protection Circuits:** Usually includes thermal shutdown and current limit protection to prevent damage during a short circuit or overheating.
* **Capacitor Stability:** Requires minimal external components, typically just a small ceramic capacitor at the input and output (e.g., 1µF to 10µF).
---
## 5. Applications
* **Battery-Powered Devices:** Smartphones, tablets, and IoT sensors.
* **Post-Regulation:** Cleaning up noise from a switching DC-DC converter.
* **Microcontrollers:** Providing a steady 5V rail for logic circuits.
- ⤷
What is the maximum input voltage allowed for the LR1102 series?
- ⤷ Does this LDO require a specific ESR for the output capacitor?
- ⤷ What are the alternatives to the SOT-25 package for this part?