LR1106-35-AF5-R
AI

## LR1106-35-AF5-R: Technical Overview
The **LR1106-35-AF5-R** is a high-accuracy, low-dropout (LDO) linear voltage regulator. It is designed for battery-powered applications where low power consumption and stability are critical.
---
### 1. Key Technical Specifications
Below are the primary electrical characteristics of this specific component:
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage** | 3.5V (Fixed) |
| **Input Voltage Range** | Up to 6.0V |
| **Output Current** | 600mA (Max) |
| **Dropout Voltage** | ~300mV @ 600mA (Typical) |
| **Quiescent Current** | ~50µA (Low Power) |
| **Package Type** | SOT-25 / SOT-23-5 |
| **Operating Temperature** | -40°C to +85°C |
---
### 2. Part Number Breakdown
Understanding the suffix codes helps identify the specific variant of this IC:
* **LR1106**: Series name (Low Noise, LDO Regulator).
* **35**: Indicates a fixed output voltage of **3.5V**.
* **AF5**: Refers to the **SOT-25** (also known as SOT-23-5) package type.
* **R**: Indicates the packaging method, typically **Tape & Reel**.
---
### 3. Pin Configuration
The device usually follows the standard SOT-25 pinout:
1. **VIN**: Input Voltage Supply.
2. **GND**: Ground Reference.
3. **EN/CE**: Chip Enable (High = On, Low = Shutdown).
4. **NC/BP**: No Connection or Bypass Capacitor (for noise reduction).
5. **VOUT**: Regulated Output Voltage.
---
### 4. Application Circuit Example
To ensure stability, LDOs require external capacitors. Below is a typical implementation:
```c
// Typical Peripheral Connections
[Input Source] ---> (VIN Pin) --- [1uF Ceramic Cap] --- GND
(EN Pin) ---> [Logic High/Control Pin]
(VOUT Pin) ---> [3.5V Output] --- [2.2uF Ceramic Cap] --- GND
```
---
### 5. Notable Features
* **Low Dropout:** Allows the device to maintain 3.5V output even when the input voltage is very close to 3.8V.
* **Built-in Protections:** Includes thermal shutdown and current limiting to prevent damage during short circuits or overheating.
* **Low Noise:** Suitable for sensitive RF and analog components.
- ⤷
What are the recommended values for input and output capacitors for the LR1106 series?
- ⤷ Can this regulator be used in automotive applications given its temperature range?
- ⤷ How does the LR1106 compare to the popular AMS1117 in terms of efficiency?