LR1106L-22-AF5-R
AI

The **LR1106L-22-AF5-R** is a low-dropout (LDO) linear regulator produced by Unisonic Technologies (UTC). It is designed to provide a stable, fixed output voltage while maintaining low noise and low power consumption.
---
### ## Technical Specifications
Below are the primary electrical and physical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Output Voltage** | 2.2V (Fixed) |
| **Output Current** | 150mA to 250mA (Typical) |
| **Package Type** | SOT-25 / SOT-23-5 |
| **Input Voltage Range** | Up to 6V - 7V Max |
| **Dropout Voltage** | Typically low (approx. 200mV @ 100mA) |
| **Quiescent Current** | Low (approx. 50µA - 90µA) |
| **Operating Temperature** | -40°C to +85°C |
---
### ## Part Number Breakdown
Understanding the suffix codes helps in identifying the exact variant:
* **LR1106L**: The base series model (LDO Regulator).
* **22**: Indicates the fixed output voltage of **2.2V**.
* **AF5**: Refers to the **SOT-25** (SOT-23-5) package style.
* **R**: Indicates the packing method (**Tape and Reel**).
* **L (at the end of LR1106)**: Often signifies Lead-free / RoHS compliance.
---
### ## Key Internal Features
1. **Low Dropout Voltage:** Allows the device to maintain a 2.2V output even when the input voltage is only slightly higher than the output.
2. **Built-in Protections:** Usually includes thermal shutdown and current limiting to prevent damage during circuit faults.
3. **Stability:** Optimized for use with low-ESR ceramic capacitors, reducing the overall PCB footprint.
4. **ON/OFF Control:** The AF5 (SOT-25) package typically includes a "Chip Enable" (CE) pin, allowing the system to power down the regulator to save energy.
---
### ## Common Applications
* **Battery-Powered Devices:** Smartphones, cameras, and handheld sensors.
* **Microcontrollers:** Providing clean 2.2V power to low-voltage MCU cores.
* **Reference Voltages:** Used in circuits requiring a stable voltage reference for analog-to-digital converters.
- ⤷
What is the maximum input voltage for the LR1106L series?
- ⤷ How does the 'Enable' pin function on the SOT-25 package?
- ⤷ What are the recommended capacitor values for input and output stability?