Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • LR1206-R02GPB

  • AI
    The **LR1206-R02GPB** is a high-power, low-resistance SMT (Surface Mount Technology) shunt resistor, typically manufactured by companies like **Welwyn (TT Electronics)** or **LRC**. It is designed specifically for current sensing applications where precision and high power dissipation are required. ### 1. Part Number Breakdown Understanding the nomenclature helps identify the component's capabilities: | Segment | Value | Description | | :--- | :--- | :--- | | **LR** | Series | Low Resistance / Current Sense Series | | **1206** | Case Size | Imperial dimensions (approx. 3.2mm x 1.6mm) | | **R02** | Resistance | 0.02 Ohms (20 mΩ) | | **G** | Tolerance | ±2% (Commonly used, though 'F' is 1% and 'J' is 5%) | | **PB** | Packaging | Lead-Free (RoHS Compliant) | --- ### 2. Key Technical Specifications The LR series is built using a metal element technology rather than thick film, which provides better stability and higher power ratings. | Parameter | Specification | | :--- | :--- | | **Resistance Value** | 20 mΩ (0.02Ω) | | **Power Rating** | 0.5W to 1W (Depending on specific manufacturer variant) | | **Temperature Coefficient (TCR)** | ±100 ppm/°C (Typical) | | **Operating Temperature** | -55°C to +155°C | | **Technology** | Metal Strip / Metal Plate | --- ### 3. Functional Characteristics * **Low Inductance:** Because it is a metal plate resistor rather than a wire-wound or thick-film spiral, it has very low parasitic inductance. This makes it ideal for high-frequency switching applications. * **High Pulse Capability:** The metal element construction allows the resistor to withstand short-duration high-current surges better than standard film resistors. * **Thermal Management:** The 1206 footprint is optimized for heat dissipation into the PCB copper traces. --- ### 4. Common Applications This part is primarily used as a **Current Shunt**. By measuring the voltage drop across this resistor ($V = I \times R$), a microcontroller or IC can determine the amount of current flowing through a circuit. 1. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles. 2. **DC-DC Converters:** Providing feedback for over-current protection. 3. **Motor Control:** Sensing phase current to manage torque and speed. 4. **Power Supplies:** Load regulation and monitoring. --- ### 5. Design Considerations When using the **LR1206-R02GPB**, engineers should follow these best practices: * **Kelvin Connection (4-Wire Sensing):** Although it is a 2-terminal device, the PCB traces should be designed to pull the voltage sensing lines from the inside of the solder pads to avoid measuring the resistance of the solder joints themselves. * **Trace Width:** Ensure the power traces are wide enough to carry the current without excessive heating, as heat will change the resistance (TCR effect). ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current this resistor can handle based on a 1W power rating?
    • ⤷ How does a 'Metal Strip' resistor differ from a 'Thick Film' resistor in performance?
    • ⤷ Can you explain how to implement a Kelvin connection on a 1206 footprint?