LR9280CL-12-AF5-R
AI

The **LR9280CL-12-AF5-R** is a specific low-dropout (LDO) linear regulator manufactured by UTC (Unisonic Technologies Co., Ltd). It is designed to provide a stable, fixed output voltage from a higher input voltage with very low noise and minimal power loss.
---
### 1. Technical Specifications
The following table outlines the primary electrical characteristics of the device:
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Output Voltage** | 1.2V | Fixed output (indicated by "-12") |
| **Input Voltage Range** | Up to 6.0V | Maximum operating input |
| **Output Current** | 300mA - 500mA | Typical current sourcing capability |
| **Dropout Voltage** | ~150mV @ 100mA | Very low voltage overhead required |
| **Package Type** | SOT-25 / SOT-23-5 | Surface-mount package (indicated by "AF5") |
| **Quiescent Current** | ~50µA | Low power consumption during idle |
---
### 2. Part Number Breakdown
Understanding the suffix nomenclature helps in identifying the exact physical and electrical properties:
* **LR9280**: The series name (High-speed LDO).
* **CL**: Accuracy/Version grade.
* **12**: Represents the fixed output voltage (**1.2V**).
* **AF5**: Refers to the package type (**SOT-23-5**).
* **R**: Denotes **Tape & Reel** packaging for automated assembly.
---
### 3. Key Features and Functions
* **Low Dropout Voltage:** Allows the chip to regulate effectively even when the input voltage is very close to the output voltage (e.g., regulating 1.2V from a 1.5V source).
* **Enable Pin (EN):** Usually includes a shutdown mode to reduce power consumption to near-zero when the device is not needed.
* **Stability:** Designed to be stable with low-ESR ceramic capacitors, which saves board space.
* **Protection Circuits:** Includes internal thermal shutdown and current limiting to prevent damage during a short circuit or overheating.
---
### 4. Typical Application Circuit
In a standard design, the component requires minimal external parts:
```text
[Input Voltage] ----[ IN ]-------[ OUT ]---- [1.2V Load]
| |
[C1: 1uF] [C2: 1uF]
| |
[GND] [GND]
```
* **Input Capacitor (C1):** 1µF ceramic capacitor to minimize input noise.
* **Output Capacitor (C2):** 1µF ceramic capacitor to ensure loop stability and transient response.
---
### 5. Common Uses
* **Mobile Devices:** Powering low-voltage microprocessors or DSP cores.
* **Portable Electronics:** Battery-powered gadgets requiring high efficiency.
* **Wireless Modules:** Providing clean power to Bluetooth or Wi-Fi chips sensitive to noise.
- ⤷What is the difference between an LDO and a switching regulator?
- ⤷ How does the dropout voltage affect battery life in portable devices?
- ⤷ Can I use this regulator to output a voltage other than 1.2V?