AI

## Overview of the LRTB-R98G
The **LRTB-R98G** is a high-performance, surface-mount (SMD) Multi-LED manufactured by **ams OSRAM**. It is part of the Multi CHIPLED family, specifically designed for video walls, indoor signage, and decorative lighting. It features three independent chips (Red, True Green, and Blue) within a single compact package.
---
### 1. Key Technical Specifications
| Parameter | Red (λ = 623nm) | True Green (λ = 530nm) | Blue (λ = 471nm) |
| :--- | :--- | :--- | :--- |
| **Material** | AlGaInP | InGaN | InGaN |
| **Luminous Intensity** | 65 - 130 mcd | 165 - 335 mcd | 25 - 56 mcd |
| **Forward Voltage (typ.)** | 2.0 V | 2.8 V | 2.8 V |
| **Max Current ($I_F$)** | 20 mA | 20 mA | 20 mA |
| **Viewing Angle** | 120° | 120° | 120° |
---
### 2. Physical Structure and Pinout
The LRTB-R98G utilizes a **6-pin configuration**, meaning each color channel has its own dedicated anode and cathode. This allows for precise control of each color via Pulse Width Modulation (PWM).
#### Internal Diagram Logic
```text
Pin 1: Cathode (Blue) Pin 6: Anode (Blue)
Pin 2: Cathode (True Green) Pin 5: Anode (True Green)
Pin 3: Cathode (Red) Pin 4: Anode (Red)
```
* **Package Dimensions:** 0.95 mm x 0.95 mm x 0.45 mm (extremely small footprint).
* **Encapsulation:** Black surface for high contrast, which is essential for video wall applications to ensure deep blacks.
---
### 3. Electronic Characteristics
* **Common Cathode/Anode:** Since all 6 pins are independent, it is neither strictly common cathode nor common anode; however, it is most frequently wired in a **Common Anode** configuration on PCBs to interface with standard LED driver ICs.
* **ESD Robustness:** It features an ESD withstand voltage up to **2kV** (HBM) due to integrated protection diodes for the InGaN chips (Green and Blue).
* **Binning:** ams OSRAM provides specific brightness and color bins to ensure uniformity across large displays.
---
### 4. Application Considerations
1. **Heat Dissipation:** Due to the high density of these LEDs in video walls, thermal management is critical. The small package size offers limited surface area for cooling.
2. **Driving Method:** Constant current drivers (like the TI TLC59 series or Macroblock MBI series) are recommended to maintain color consistency.
3. **Contrast Enhancement:** The "R98G" variant is prized for its **diffused black package**, which minimizes reflections from ambient light.
- ⤷
What are the recommended constant current driver ICs for the LRTB-R98G?
- ⤷ How does the 'Black Surface' technology affect the contrast ratio in LED walls?
- ⤷ What are the soldering profile requirements for this 0909 SMD package?