Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • LSMT2-345G1-R

  • AI
    The **LSMT2-345G1-R** is a high-performance **Micro-Electro-Mechanical Systems (MEMS)** microphone. It is specifically designed as a top-port silicon microphone that converts acoustic pressure waves into electrical signals with high sensitivity and low power consumption. --- ### 1. Key Technical Specifications The following table highlights the primary electrical and physical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Transducer Type** | MEMS (Silicon) | | **Output Type** | Analog | | **Directionality** | Omnidirectional | | **Sensitivity** | -42 dBV/Pa (±3dB) | | **Signal-to-Noise Ratio (SNR)** | ~59 dB(A) | | **Supply Voltage (Vdd)** | 1.5V to 3.6V | | **Current Consumption** | < 150 µA | | **Frequency Range** | 100 Hz to 10 kHz | | **Port Location** | Top Port | --- ### 2. Physical Construction & Pinout The device is housed in a compact, surface-mount (SMD) package. Because it is a "Top Port" device, the sound inlet hole is located on the top of the metal lid, rather than through the PCB. * **Package Dimensions:** Typically 3.76mm x 2.95mm x 1.1mm. * **Acoustic Hole:** Located on the top side. * **Terminal Finish:** Gold (Au) plated for better conductivity and oxidation resistance. #### Pin Configuration (Standard Layout) | Pin # | Name | Description | | :--- | :--- | :--- | | 1 | **OUT** | Analog output signal | | 2 | **GND** | Ground connection | | 3 | **GND** | Ground connection | | 4 | **Vdd** | Power supply input | --- ### 3. Functional Features * **MEMS Technology:** Utilizes a tiny silicon diaphragm etched via semiconductor processes, offering high reliability and resistance to mechanical shock. * **Low Impedance Output:** Designed to drive analog-to-digital converters (ADCs) or pre-amplifiers directly. * **Reflow Solderable:** Compatible with standard lead-free automated pick-and-place assembly. * **Environmental Stability:** Minimal sensitivity drift over temperature changes compared to traditional Electret Condenser Microphones (ECM). --- ### 4. Typical Application Circuit When integrating the LSMT2-345G1-R, a decoupling capacitor is required on the supply line to ensure a clean signal. ```c // Conceptual Hardware Layout [Power Supply 1.8V-3.3V] ----+----[Vdd Pin] | [0.1uF Capacitor] | [GND] [Output Pin] ---------------> [Pre-Amp / ADC Input] [GND Pins] -----------------> [Common Ground Plane] ``` --- ### 5. Common Use Cases * **Mobile Electronics:** Smartphones, tablets, and wearables. * **Hearables:** TWS (True Wireless Stereo) earbuds and headsets. * **IoT Devices:** Smart home sensors and voice-activated assistants. * **Industrial:** Acoustic monitoring and noise detection systems.
    ✨ Follow-up Questions
    • ⤷What is the difference between top-port and bottom-port MEMS microphones?
    • ⤷ What is the maximum acoustic input level (AOP) for this model?
    • ⤷ Can you provide a PCB footprint recommendation for the LSMT2 series?