LSW-1008-R12F-T
AI

The **LSW-1008-R12F-T** is a surface-mount (SMD) wire-wound chip inductor. It is commonly used in high-frequency circuits, telecommunications, and power management modules where high reliability and precision are required.
Below is a detailed breakdown of its electronic components and specifications.
---
## 1. Technical Specifications
The part number follows a standard coding convention used by manufacturers like **Laird** or **Chilisin**.
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.12 µH (120 nH) |
| **Tolerance** | ±1% (denoted by 'F') |
| **Package Size** | 1008 (2.5 mm × 2.0 mm) |
| **Core Material** | Ceramic (High Frequency) |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Operating Temperature** | -40°C to +125°C |
---
## 2. Part Number Breakdown
Understanding the suffix and prefix helps in identifying the specific performance characteristics:
* **LSW**: Series code (typically Wire-wound Surface mount).
* **1008**: Physical dimensions (Length 0.10" x Width 0.08").
* **R12**: Inductance value ($R = \text{decimal point}$). R12 represents $0.12 \mu H$.
* **F**: Tolerance code. F stands for $\pm 1\%$, which is considered high precision.
* **T**: Packaging style (usually stands for Tape & Reel).
---
## 3. Key Electronic Characteristics
### A. Wire-Wound Construction
Unlike multilayer inductors, this part uses a fine copper wire wound around a ceramic core.
* **Advantage:** Provides a much higher **Q-factor** (Quality Factor) and lower **DCR** (DC Resistance).
* **Result:** Better efficiency and sharper resonance in RF circuits.
### B. High Self-Resonant Frequency (SRF)
Because the core is ceramic, the parasitic capacitance is kept to a minimum. This allows the inductor to operate at very high frequencies (into the GHz range) before it begins to behave like a capacitor.
### C. Precision Tolerance
The **±1% tolerance** is critical for:
1. **Impedance Matching:** Used in antenna circuits to ensure maximum power transfer.
2. **Filter Networks:** Ensuring the "cutoff" frequency is exact.
---
## 4. Typical Applications
* **RF Modules:** Bluetooth, Wi-Fi, and cellular infrastructure.
* **Broadband Equipment:** Modems and routers.
* **Precision Sensors:** Where signal integrity is paramount.
* **VCOs:** Voltage Controlled Oscillators requiring stable inductance.
---
- ⤷
What is the maximum rated current for the LSW-1008 series?
- ⤷ How does a ceramic core compare to a ferrite core in 1008 inductors?
- ⤷ What are the common alternatives if the 1% tolerance version is unavailable?