LSWM-453232-R22M-T
AI

The **LSWM-453232-R22M-T** is a surface-mount (SMD) power inductor commonly used in radio frequency (RF) and power management circuits. This specific part number follows a standard nomenclature used by manufacturers like **Laird Performance Materials** or similar wire-wound inductor specialists.
---
### 1. Part Number Breakdown
The alphanumeric code reveals the specific electrical and physical characteristics of the component:
| Segment | Meaning | Detail |
| :--- | :--- | :--- |
| **LSWM** | Series Code | Wire-wound Chip Inductor (Standard/Molded) |
| **453232** | Case Size | Dimensions: 4.5mm x 3.2mm x 3.2mm (EIA 1812) |
| **R22** | Inductance Value | **0.22 µH** (R denotes decimal point) |
| **M** | Tolerance | **±20%** |
| **T** | Packaging | Tape & Reel |
---
### 2. Technical Specifications
While exact values can vary slightly by manufacturer, the typical specifications for an 1812-sized 0.22µH wire-wound inductor are:
* **Inductance:** 0.22 µH
* **DC Resistance (DCR):** Typically very low (approx. 0.05Ω to 0.15Ω) to minimize power loss.
* **Rated Current:** High current handling capability (often ranging from 500mA to 1.5A depending on the specific sub-series).
* **Self-Resonant Frequency (SRF):** Usually high (above 200 MHz), making it suitable for high-frequency applications.
* **Operating Temperature:** Generally -40°C to +125°C.
---
### 3. Key Electronic Functions
This component serves three primary roles in an electronic circuit:
1. **Energy Storage:** In DC-DC converters, it stores energy in a magnetic field during the "on" cycle and releases it during the "off" cycle.
2. **Noise Filtering:** It acts as a low-pass filter, allowing DC current to pass while blocking high-frequency electromagnetic interference (EMI).
3. **Impedance Matching:** In RF circuits, it is used to match the impedance between different stages to ensure maximum power transfer.
---
### 4. Common Applications
* **Power Supplies:** Buck/Boost converters in portable electronics.
* **Telecommunications:** Base stations and networking equipment.
* **Consumer Electronics:** High-definition video equipment and smart home devices.
* **Automotive:** Infotainment systems and lighting control modules.
---
- ⤷
What are the alternative case sizes for the LSWM series?
- ⤷ How does the 'M' tolerance impact circuit performance compared to 'K' tolerance?
- ⤷ What is the saturation current rating for this specific 0.22uH inductor?