Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • LTC2611CDD

  • AI
    ## Overview of the LTC2611CDD The **LTC2611CDD** is a high-performance, single-channel, **14-bit voltage output Digital-to-Analog Converter (DAC)** manufactured by Analog Devices (formerly Linear Technology). It belongs to a family of pin-compatible DACs (LTC2601/2611/2621) offering different resolutions. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Resolution** | 14-Bit | | **Output Type** | Buffered Voltage Output | | **Interface** | SPI Serial Interface (3-wire) | | **Supply Voltage (Vcc)** | 2.5V to 5.5V | | **Power Consumption** | 300µA at 3V (typical) | | **Package** | 10-Lead (3mm × 3mm) DFN | | **Operating Temp** | 0°C to 70°C (Commercial Grade) | --- ### 2. Functional Electronic Components The LTC2611CDD integrates several critical electronic sub-systems within its silicon die: #### A. The DAC Architecture The core is a **resistor-string DAC architecture**, which ensures inherent monotonicity. This is crucial for control systems where the output must increase or decrease strictly in accordance with the digital input code. #### B. Output Buffer Amplifier Unlike "unbuffered" DACs, the LTC2611 includes a high-performance output amplifier. * **Rail-to-Rail Operation:** The output can swing from 0V to the supply voltage ($V_{CC}$). * **Drive Capability:** It can drive capacitive loads up to 1000pF and maintains stability. #### C. SPI Serial Interface The digital logic section handles communication via a synchronous serial interface: * **SCK (Serial Clock):** Synchronizes data transfer. * **SDI (Serial Data In):** Receives the 24-bit control word (Command + Address + Data). * **CS/LD (Chip Select/Load):** Triggers the update of the DAC register. --- ### 3. Pin Configuration and Descriptions | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | $V_{OUT}$ | DAC Analog Voltage Output | | 2 | GND | Ground | | 3 | $V_{CC}$ | Supply Voltage Input (2.5V to 5.5V) | | 4 | REF | Reference Voltage Input (Sets the full-scale output) | | 5 | SDI | Serial Data Input | | 6 | SCK | Serial Clock Input | | 7 | $\overline{CS}/LD$ | Chip Select/Load Input | | 8 | $\overline{CLR}$ | Asynchronous Clear (Resets output to zero) | | 9 | SDO | Serial Data Output (For daisy-chaining) | | 10 | DNC | Do Not Connect | | Exp. Pad | GND | Exposed Pad: Must be soldered to PCB Ground | --- ### 4. Application Considerations * **Reference Voltage:** The voltage applied to the `REF` pin determines the maximum output. Since it is a multiplying DAC, $V_{OUT} = (\text{Code} / 2^{14}) \times V_{REF}$. * **Power-On Reset:** The device features internal circuitry that resets the output to 0V (zero-scale) upon power-up, preventing unpredictable behavior in the hardware it controls. * **Daisy Chaining:** Using the `SDO` pin, multiple DACs can be controlled using a single $\overline{CS}$ line, saving microcontroller GPIO pins.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the LTC2611 and the LTC2601?
    • ⤷ How do I calculate the output voltage for a specific 14-bit hex code?
    • ⤷ What is the maximum clock frequency for the SPI interface on this chip?