Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M-CAS-R80515

  • AI
    The **M-CAS-R80515** is a specialized microcontroller development board or module based on the **80515 architecture**, which is an enhanced derivative of the classic Intel 8051. These modules were historically popular in industrial automation and educational settings. --- ## 1. Core Architecture: The 80515 CPU The heart of the board is the **SAB 80C515** (or a variant like the 80C535), originally developed by Siemens. It improves upon the standard 8051 in several key ways: | Feature | Standard 8051 | 80515 (M-CAS) | | :--- | :--- | :--- | | **I/O Ports** | 4 (32 lines) | 6 (48 lines) | | **A/D Converter** | None | 8-bit, 8-channel internal | | **Timers** | 2 x 16-bit | 3 x 16-bit (includes Timer 2) | | **Interrupts** | 5 sources | 12 sources / 4 priority levels | | **Power Modes** | Basic Idle | Idle, Power Down, and Software Reset | --- ## 2. Key Electronic Components The M-CAS-R80515 board typically integrates the following electronic parts to form a functional computer system: ### A. Memory Components * **Internal RAM:** Usually 256 bytes (standard for 80515). * **External SRAM:** Often 32KB or 64KB chips (e.g., 62256) for data storage. * **EPROM/Flash:** A socket for a 27C256 or similar chip to hold the firmware/program code. ### B. Communication Interfaces * **RS-232 Port:** Includes a level shifter IC (like the **MAX232**) to convert TTL logic to serial voltages for PC communication. * **Bus Expansion:** High-density headers that expose the Data Bus, Address Bus, and Control signals (RD, WR, ALE). ### C. Support Circuitry * **Clock Circuit:** Uses a quartz crystal (typically **12MHz**) and two ceramic capacitors (22pF-33pF) to provide the timing pulse. * **Reset Circuit:** A power-on reset circuit consisting of a resistor/capacitor (RC) network and often a manual push-button. * **Voltage Regulator:** Usually an **LM7805** or similar LDO to step down 9V-12V DC input to a stable 5V DC for the logic chips. --- ## 3. Pinout and Connectivity Categories The electronic signals on the M-CAS-R80515 are generally grouped into three categories: 1. **Analog Inputs:** Connected to the 80515’s internal 8-channel A/D converter (Port 6). 2. **Digital I/O:** General purpose pins for driving LEDs, reading switches, or controlling relays. 3. **The M-CAS Bus:** A proprietary or standard backplane connector used to stack multiple "CAS" (Computer Algebra System or Control Automation System) modules together. --- ## 4. Code Example (Register Access) Programming the electronic parts of this board involves addressing specific Special Function Registers (SFRs) unique to the 80515. ```c #include // Header specific to 80515 electronic registers void main(void) { // Initialize A/D Converter (Specific to 80515) ADCON = 0x20; // Select channel and start conversion while(1) { P1 = 0xFF; // Set Port 1 (Digital I/O) to High // User logic here } } ```
    ✨ Follow-up Questions
    • ⤷What are the specific power supply requirements for the M-CAS-R80515?
    • ⤷ How does the 80515 A/D converter compare to modern Arduino ADCs?
    • ⤷ Can the M-CAS-R80515 be programmed using modern IDEs like Keil uVision?