M1EXM-2-R
AI

The **M1EXM-2-R** is a specific electronic expansion module, typically associated with industrial automation and control systems (most notably used in the **Elko EP** or **iNELS** ecosystems). It serves as an extension unit for a main controller to increase the number of input/output (I/O) points.
---
### 1. General Specifications
The module is designed to interface with a central control unit (CU) via a system bus. Below are the primary technical characteristics:
| Feature | Specification |
|:---|:---|
| **Device Type** | Expansion I/O Module |
| **Input Channels** | 2 Binary / Digital Inputs |
| **Output Channels** | 2 Relay Outputs |
| **Communication** | System Bus (often proprietary) |
| **Mounting** | DIN Rail (Standard 35mm) |
| **Indication** | LED status indicators for power and I/O state |
---
### 2. Key Electronic Components
#### A. Input Section (Binary Inputs)
* **Purpose:** To sense the state of external contacts (switches, buttons, or sensors).
* **Isolation:** Usually features galvanic isolation to protect the internal logic from external electrical noise or surges.
* **Voltage Levels:** Typically operates at 24V DC or dry contact sensing depending on the specific wiring diagram.
#### B. Output Section (Relay Outputs)
* **Relay Type:** Electromechanical relays.
* **Switching Capacity:** Usually rated for **8A to 16A** at 250V AC (check specific label for exact amperage).
* **Contact Type:** AgSnO2 (Silver Tin Oxide) is common for handling high inrush currents without welding.
#### C. Processing & Logic
* **Microcontroller (MCU):** An internal low-power MCU handles the communication protocol, debouncing for inputs, and driving the relay coils.
* **Bus Interface:** A transceiver chip (similar to RS-485 or CAN physical layers) that allows the module to talk to the "Master" controller.
---
### 3. Wiring and Pinout Overview
| Terminal | Function | Description |
|:---:|:---|:---|
| **BUS** | Communication | Connection to the central unit for data and power. |
| **IN1 / IN2** | Inputs | Connection for external switches or sensors. |
| **RE1 / RE2** | Relay Outputs | Potential-free contacts for switching loads. |
---
### 4. Typical Applications
* **Lighting Control:** Switching two independent light circuits via remote commands.
* **Blinds/Shutters:** Using the two relays to control "Up" and "Down" directions for a motor.
* **HVAC:** Controlling valves or fans based on sensor input.
- ⤷
What is the maximum switching current for the relay outputs on the M1EXM-2-R?
- ⤷ How do you configure the bus address for this expansion module?
- ⤷ Is this module compatible with third-party PLC systems via Modbus?