M24C01-RMB3T
AI

## Technical Overview of the M24C01-RMB3T
The **M24C01-RMB3T** is a 1-Kbit serial I2C bus EEPROM (Electrically Erasable Programmable Memory) manufactured by **STMicroelectronics**. It is designed for low-power applications where small-form-factor non-volatile memory is required.
---
### 1. Key Technical Specifications
Below are the primary electrical and physical characteristics of the device:
| Feature | Specification |
| :--- | :--- |
| **Memory Size** | 1 Kbit (128 bytes x 8 bits) |
| **Interface** | I2C (2-wire serial) |
| **Operating Voltage** | 1.8V to 5.5V |
| **Clock Frequency** | 400 kHz |
| **Write Cycle Time** | 5 ms (Max) |
| **Data Retention** | 40 Years |
| **Endurance** | 1 Million Write Cycles |
| **Package Type** | UFDFPN8 (Ultra Thin Fine Pitch Dual Flat No-lead) |
---
### 2. Pin Configuration (UFDFPN8)
The device typically uses a small 8-pin package. The functions of the pins are as follows:
1. **E0, E1, E2:** Chip Enable inputs (used to set the device address on the I2C bus).
2. **VSS:** Ground.
3. **SDA:** Serial Data (bidirectional).
4. **SCL:** Serial Clock.
5. **WC:** Write Control (Hardware protection; if connected to VCC, write operations are inhibited).
6. **VCC:** Supply Voltage.
---
### 3. Core Features and Functionality
#### I2C Interface
The device operates as a slave on the I2C bus. It follows the standard protocol where the Master initiates communication via a Start condition, sends the Device Select Code, and then the memory address.
#### Write Protection
The **WC (Write Control)** pin provides hardware data protection.
- When **WC is Low (0)**: The entire memory is writable.
- When **WC is High (1)**: The memory is write-protected (Read-only mode).
#### Low Power Consumption
The "R" in the part number signifies the voltage range (1.8V to 5.5V), making it ideal for battery-powered devices. It features a standby current often lower than 1 $\mu$A.
---
### 4. Part Number Breakdown: M24C01-RMB3T
| Code | Meaning |
| :--- | :--- |
| **M24** | I2C Serial Access EEPROM |
| **C01** | 1 Kbit Capacity |
| **-R** | 1.8V to 5.5V Operating Voltage |
| **MB** | UFDFPN8 Package (2x3 mm) |
| **3** | Range 3 Temperature (-40 to +125 °C) |
| **T** | Tape & Reel Packing |
---
- ⤷
What is the difference between M24C01 and M24C02 in terms of addressing?
- ⤷ How does the 'Write Control' pin handle software-based write commands?
- ⤷ Is this EEPROM compatible with 3.3V and 5V microcontrollers simultaneously?