M24C01-RMB6T
AI

The **M24C01-RMB6T** is a 1-Kbit serial I²C Electrically Erasable Programmable Read-Only Memory (EEPROM) manufactured by STMicroelectronics. It is specifically designed for low-power and low-voltage applications.
---
## 1. Key Specifications
The following table summarizes the primary electrical and technical characteristics of the device.
| Parameter | Specification |
| :--- | :--- |
| **Memory Size** | 1 Kbit (128 bytes × 8 bits) |
| **Interface** | I²C (Two-wire Serial) |
| **Operating Voltage** | 1.8V to 5.5V |
| **Clock Frequency** | 400 kHz |
| **Write Cycle Time** | 5 ms (Maximum) |
| **Endurance** | 4 million write cycles |
| **Data Retention** | 200 years |
| **Operating Temp** | -40°C to +85°C |
---
## 2. Pinout Configuration
The "MB6T" suffix refers to the **UFDFPN8** (Ultra-thin Fine pitch Dual Flat No-lead) package, which is extremely compact (2x3 mm).
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1, 2, 3 | E0, E1, E2 | Chip Enable (Address inputs) |
| 4 | VSS | Ground |
| 5 | SDA | Serial Data (Bidirectional) |
| 6 | SCL | Serial Clock |
| 7 | WC | Write Control (Hardware Write Protection) |
| 8 | VCC | Supply Voltage |
---
## 3. Core Features & Functional Blocks
### I²C Serial Interface
The device operates as a slave on the I²C bus. It requires a Master (e.g., a microcontroller) to initiate data transfers using the SCL (Clock) and SDA (Data) lines.
### Write Protection (WC Pin)
* **WC at Vih (High):** The entire memory block is write-protected (Read-only).
* **WC at Vil (Low):** The memory is unprotected and can be written to.
### Power Management
The "R" in the part number indicates a specific voltage range (1.8V to 5.5V), making it ideal for battery-operated devices like smartphones, wearables, and cameras.
### Memory Organization
The 1 Kbit of memory is organized as **8 pages of 16 bytes each**. It supports both "Byte Write" and "Page Write" (up to 16 bytes at once).
---
## 4. Typical Application Circuit
To use this chip, you generally need pull-up resistors on the I²C lines.
```c
// Example: Basic I2C Pull-up Setup
VCC (1.8V - 5.5V)
|
[4.7k Ohm Resistor] -- SDA (Pin 5)
|
[4.7k Ohm Resistor] -- SCL (Pin 6)
```
- ⤷
What is the difference between the M24C01 and the M24C02 versions?
- ⤷ Can the WC pin be left floating in a circuit?
- ⤷ How do the E0
- ⤷ E1
- ⤷ and E2 pins determine the I2C device address?