M24C01-RMB6TP
AI

## M24C01-RMB6TP: Electronic Specifications and Overview
The **M24C01-RMB6TP** is a 1-Kbit serial I²C (Inter-Integrated Circuit) EEPROM (Electrically Erasable Programmable Read-Only Memory) manufactured by **STMicroelectronics**. It is designed for low-power and low-voltage applications.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Memory Size** | 1 Kbit (128 bytes x 8 bits) |
| **Interface** | I²C Serial (Two-Wire) |
| **Supply Voltage ($V_{CC}$)** | 1.8V to 5.5V |
| **Clock Frequency** | 400 kHz (Fast Mode) |
| **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) |
| **Operating Temperature** | -40°C to +85°C |
| **Write Cycles** | More than 4 million cycles |
| **Data Retention** | More than 200 years |
---
### 2. Functional Description
The device operates as a slave in the I²C protocol. It is used to store small amounts of non-volatile data that must be preserved even when power is removed.
#### Memory Architecture
* **1 Kbit Total:** Organized as 128 bytes of 8 bits each.
* **Page Write:** Supports writing up to 8 bytes in a single write cycle.
* **Write Time:** A self-timed write cycle typically takes **5 ms**.
#### Pin Configuration (UFDFPN8)
1. **E0, E1, E2:** Chip Enable inputs (used to define the device address on the I²C bus).
2. **VSS:** Ground.
3. **SDA:** Serial Data (Bi-directional).
4. **SCL:** Serial Clock.
5. **WC:** Write Control (Hardware protection; if tied to $V_{CC}$, write operations are inhibited).
6. **VCC:** Supply Voltage.
---
### 3. Key Electronic Features
* **Low Power Consumption:**
* Active Read Current: < 1 mA
* Standby Current: < 1 µA (at 1.8V)
* **Schmitt Triggers:** Inputs are filtered for noise suppression to ensure stable communication in noisy environments.
* **Enhanced Write Protection:** The **WC (Write Control)** pin provides hardware-level data security, preventing accidental overwrites of the memory.
* **Byte and Page Write:** Flexibility to update a single byte or a block of 8 bytes simultaneously.
---
### 4. Typical Applications
* **Consumer Electronics:** Storing configuration settings in cameras or wearables.
* **Computing:** Storing SPD (Serial Presence Detect) data.
* **Industrial:** Parameter storage for sensors and small controllers where space is limited.
---
- ⤷
What are the specific differences between the M24C01 and M24C02 models?
- ⤷ How does the Write Control (WC) pin behave if left floating?
- ⤷ Can you provide a C code snippet for initializing this EEPROM via I2C?