M24C02-RCT6TP/S
AI

The **M24C02-RCT6TP/S** is a specific variant of the widely used 2-Kbit serial I2C Bus EEPROM (Electrically Erasable Programmable Read-Only Memory). It is manufactured by STMicroelectronics.
---
## 1. Technical Specifications
The following table highlights the core electronic characteristics of the component:
| Parameter | Specification |
| :--- | :--- |
| **Memory Size** | 2 Kbit (256 bytes x 8 bits) |
| **Interface** | I2C (Inter-Integrated Circuit) |
| **Clock Frequency** | 400 kHz (Fast Mode) |
| **Operating Voltage** | 1.8V to 5.5V |
| **Operating Temperature** | -40°C to +85°C |
| **Package Type** | TSSOP8 (Thin Shrink Small Outline Package) |
| **Write Cycles** | 4 Million (Minimum) |
| **Data Retention** | 200 Years |
---
## 2. Pin Configuration
The M24C02-RCT6TP/S typically uses an 8-pin layout. Below is the functional description for each pin:
1. **E0, E1, E2 (Chip Enable):** These pins are used to set the hardware address for the device. You can connect up to 8 similar devices on the same I2C bus.
2. **VSS:** Ground connection.
3. **SDA (Serial Data):** The bidirectional pin used to transfer data into and out of the device.
4. **SCL (Serial Clock):** The input pin used to synchronize all data transfers.
5. **WC (Write Control):** A hardware protection pin. If connected to $V_{CC}$, write operations are inhibited (read-only mode). If connected to $V_{SS}$, the device is fully writable.
6. **VCC:** Power supply.
---
## 3. Key Electronic Features
### A. I2C Protocol Support
The device acts as a **Slave** on the I2C bus. It supports:
* **Byte Write:** Writing a single 8-bit byte.
* **Page Write:** Writing up to 16 bytes in a single write cycle, improving efficiency.
* **Random/Sequential Read:** Flexibility in accessing data addresses.
### B. Low Power Consumption
Designed for battery-operated devices, it features a very low supply current:
* **Active Read Current:** < 1 mA
* **Standby Current:** < 1 µA (at 1.8V)
### C. Enhanced Write Protection
The `WC` (Write Control) pin provides hardware-level security against accidental data corruption, which is critical for storing configuration settings or calibration data.
---
## 4. Part Number Breakdown
Understanding the specific suffix `/S` and `TP`:
* **M24C02:** 2 Kbit Capacity.
* **R:** Operating Voltage Range (1.8V to 5.5V).
* **C:** TSSOP8 Package.
* **T:** Tape and Reel packaging.
* **6:** Industrial temperature range (-40 to +85°C).
* **TP:** Process technology (standard for ST).
* **S:** Often indicates a specific manufacturing site or a slight revision in the internal circuitry for specialized reliability.
---
- ⤷
What are the main differences between the M24C02 and the M24C04 models?
- ⤷ How do you calculate the I2C address based on the E0
- ⤷ E1
- ⤷ and E2 pins?
- ⤷ What is the typical use case for the Write Control (WC) pin in an embedded system?