AI

## Technical Overview of M24C02-RDS6TP/W
The **M24C02-RDS6TP/W** is a popular 2-Kbit serial I²C Electrically Erasable Programmable Read-Only Memory (EEPROM) manufactured by STMicroelectronics. It is widely used for parameter storage in consumer electronics and industrial applications.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Memory Size** | 2 Kbit (256 bytes) |
| **Interface** | I²C (Two-Wire Serial) |
| **Clock Frequency** | 400 kHz (Fast Mode) |
| **Operating Voltage** | 1.8V to 5.5V |
| **Package Type** | TSSOP8 (Thin Shrink Small Outline Package) |
| **Temperature Range** | -40°C to +85°C (Industrial Grade) |
| **Write Cycles** | 1,000,000 (1 Million) erase/write cycles |
| **Data Retention** | 40 years |
---
### 2. Functional Components
The internal architecture of this chip consists of several critical electronic sections:
* **EEPROM Array:** The physical storage organized as 256 words of 8 bits each.
* **Control Logic:** Manages the I²C protocol handling (Start/Stop conditions, Acknowledge bits).
* **Write Protection (WC Pin):** A hardware pin that, when connected to $V_{CC}$, protects the entire memory contents from being overwritten.
* **Address Inputs (E0, E1, E2):** These pins allow up to eight M24C02 devices to be connected to the same I²C bus by assigning each a unique hardware address.
---
### 3. Part Number Breakdown
Understanding the suffix is crucial for sourcing the correct component:
```text
M24C02 - R D S 6 T P / W
| | | | | | | | |
| | | | | | | | +-- Designator (W: Additional process info)
| | | | | | | +----- Packing (P: Tape & Reel)
| | | | | | +------- RoHS / Lead-free
| | | | | +--------- Temperature Range (-40 to +85 °C)
| | | | +----------- Package (S: TSSOP8)
| | | +------------- Device Revision
| | +--------------- Voltage (R: 1.8V to 5.5V)
| +------------------- Capacity (02: 2 Kbit)
+----------------------- Series (M24: I2C EEPROM)
```
---
### 4. Implementation Example
Below is a conceptual example of how to initialize a write sequence in C-like pseudo-code for an MCU:
```c
// Example: Writing the byte 0xA5 to memory address 0x10
void write_eeprom(uint8_t mem_addr, uint8_t data) {
I2C_Start();
I2C_Send_Address(0xA0); // Device Select Code (Write mode)
I2C_Send_Byte(mem_addr); // Target memory address
I2C_Send_Byte(data); // Data to store
I2C_Stop();
Delay_ms(5); // Wait for internal write cycle (tW)
}
```
---
### 5. Application Areas
* **Device Configuration:** Storing MAC addresses, serial numbers, and calibration data.
* **Consumer Electronics:** Settings for LCD monitors, smart home devices, and cameras.
* **Industrial:** Storing error logs or operating parameters for sensors.
- ⤷
What are the differences between M24C02 and M24C04 in terms of addressing?
- ⤷ How does the Write Control (WC) pin function differently in 'Low' vs 'High' states?
- ⤷ What is the maximum power consumption during a write cycle for this chip?