M24C02-RMB3TP/W
AI

The **M24C02-RMB3TP/W** is a specific variant of the 2-Kbit serial I2C Bus EEPROM (Electrically Erasable Programmable Read-Only Memory) manufactured by STMicroelectronics. This component is widely used for non-volatile data storage in space-constrained electronic devices.
---
## 1. Technical Specifications
The following table outlines the core electrical and physical parameters of this specific part:
| Parameter | Specification |
| :--- | :--- |
| **Memory Size** | 2 Kbit (256 bytes x 8 bits) |
| **Interface** | I2C (Serial 2-Wire) |
| **Operating Voltage ($V_{CC}$)** | 1.8V to 5.5V |
| **Clock Frequency** | 400 kHz (Fast Mode) / 1 MHz (Fast Mode Plus) |
| **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) |
| **Temperature Range** | -40°C to +125°C (Automotive Grade 3) |
| **Write Cycles** | 4 Million cycles (at 25°C) |
| **Data Retention** | 200 Years |
---
## 2. Key Features
### I2C Serial Interface
It uses a standard two-wire protocol (SCL for clock, SDA for data). It supports multi-master environments and allows for hardware addressing, meaning multiple EEPROMs can reside on the same bus.
### Write Protection (WP)
The device includes a hardware Write Control (WC) pin. When this pin is high, the entire memory becomes read-only, protecting stored data from accidental overwrites.
### Low Power Consumption
Designed for battery-operated devices, it features:
* **Active Read Current:** < 1 mA
* **Standby Current:** < 1 µA (at 1.8V)
---
## 3. Decoding the Part Number
The suffix **RMB3TP/W** provides specific information about the packaging and process:
* **M24C02**: Base part number (2 Kbit I2C EEPROM).
* **-R**: Operating voltage range (1.8V to 5.5V).
* **MB**: Package code for **UFDFPN8** (2x3 mm).
* **3**: Temperature range (-40 to +125 °C).
* **TP**: Tape & Reel packing.
* **W**: Indicates a specific process technology or "High Reliability" flow (often associated with automotive-grade robustness).
---
## 4. Pin Configuration (UFDFPN8)
| Pin | Name | Function |
| :--- | :--- | :--- |
| 1-3 | E0, E1, E2 | Chip Enable (Address inputs) |
| 4 | $V_{SS}$ | Ground |
| 5 | SDA | Serial Data |
| 6 | SCL | Serial Clock |
| 7 | WC | Write Control (Write Protect) |
| 8 | $V_{CC}$ | Supply Voltage |
---
## 5. Typical Applications
* **Consumer Electronics:** Storing user settings, calibration data, or device IDs.
* **Automotive:** Storing error logs or configuration parameters in modules like lighting or climate control.
* **Medical Devices:** Storing sensor calibration constants.
- ⤷
What is the difference between the M24C02-R and the M24C02-F series?
- ⤷ How do I connect the WC pin if I want to allow constant writing?
- ⤷ Can this EEPROM be used with a 3.3V microcontroller?