AI

The **M24C02-RMB6TG** is a high-performance, low-voltage Serial I2C (Inter-Integrated Circuit) Electrically Erasable Programmable Read-Only Memory (EEPROM). It is manufactured by STMicroelectronics and is commonly used for storing small amounts of data that must be saved when power is removed.
---
## 1. Key Technical Specifications
The table below summarizes the core electrical and physical characteristics:
| Feature | Specification |
| :--- | :--- |
| **Memory Size** | 2 Kbit (256 bytes x 8 bits) |
| **Interface** | I2C (Standard, Fast, and Fast-mode Plus) |
| **Clock Frequency** | Up to 1 MHz |
| **Operating Voltage** | 1.8V to 5.5V |
| **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) |
| **Write Cycle Time** | 5 ms (Max) |
| **Endurance** | 4 Million Write Cycles |
| **Data Retention** | 200 Years |
---
## 2. Pin Configuration (UFDFPN8)
The device typically uses a small 8-pin footprint. Below are the functional descriptions of the pins:
* **E0, E1, E2 (Inputs):** Chip Enable. These pins allow you to set the hardware address of the chip, enabling multiple EEPROMs to be connected to the same I2C bus.
* **SDA (I/O):** Serial Data. Used to transfer data in and out of the device.
* **SCL (Input):** Serial Clock. Synchronizes the data transfer.
* **WC (Input):** Write Control. A hardware protection pin. When connected to $V_{CC}$, write operations are inhibited. When connected to $V_{SS}$ (Ground), write operations are allowed.
* **Vcc / Vss:** Power supply and Ground.
---
## 3. Core Functionalities
### Memory Architecture
The 2 Kbit memory is organized as 256 words of 8 bits each. Internally, the device uses a page-write structure, allowing up to 16 bytes to be written in a single instruction cycle.
### I2C Protocol
It operates as a "Slave" on the I2C bus. It supports:
- **Byte Write:** Writing a single byte to a specific address.
- **Page Write:** Writing up to 16 bytes.
- **Random Address Read:** Reading from a specific location.
- **Sequential Read:** Reading the entire memory content in one stream.
### Data Protection
The **WC (Write Control)** pin is a critical safety feature for industrial and automotive applications. It prevents accidental data corruption due to noise or software errors by physically locking the memory against write commands.
---
## 4. Typical Applications
Because of its tiny footprint (UFDFPN8) and low power consumption, it is ideal for:
- **Consumer Electronics:** Storing user settings in cameras or headphones.
- **Medical Devices:** Storing calibration data.
- **Industrial:** Parameter storage for sensors and small controllers.
- **Module Identification:** Storing serial numbers and version info on PCB modules.
- ⤷
What is the difference between the M24C02-R and other variants like M24C02-W?
- ⤷ How do you calculate the I2C slave address using E0
- ⤷ E1
- ⤷ and E2 pins?
- ⤷ Can this EEPROM be used with a 3.3V microcontroller like an ESP32 or STM32?