M24C04-RMB6TP/G
AI

The **M24C04-RMB6TP/G** is a specific variant of an I²C Electrically Erasable Programmable Read-Only Memory (EEPROM) manufactured by **STMicroelectronics**. It is widely used for parameter storage in consumer electronics and industrial applications.
---
## 1. Technical Specifications
The following table outlines the primary electrical and physical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Memory Size** | 4 Kbit (512 bytes) |
| **Organization** | 512 x 8 bits |
| **Interface** | I²C (Inter-Integrated Circuit) |
| **Clock Frequency** | 400 kHz (Fast Mode) / 100 kHz (Standard) |
| **Supply Voltage (Vcc)** | 1.8V to 5.5V |
| **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) |
| **Operating Temp** | -40°C to +85°C |
| **Write Cycles** | 4 million cycles |
| **Data Retention** | 200 Years |
---
## 2. Pinout Configuration
The device usually comes in an 8-pin package. Below is the typical pin mapping:
1. **E1, E2**: Chip Enable inputs (used to set the device address).
2. **Vss**: Ground.
3. **SDA**: Serial Data (bi-directional).
4. **SCL**: Serial Clock.
5. **WC**: Write Control (Hardware write protection).
6. **Vcc**: Supply Voltage.
7. **NC**: No internal connection.
---
## 3. Part Number Breakdown
The suffix code provides details on the specific packaging and environmental standards:
* **M24C04**: Base model (4 Kbit I²C EEPROM).
* **-R**: Range of supply voltage (1.8V to 5.5V).
* **MB**: Package code (UFDFPN8).
* **6**: Temperature range (-40 to 85 °C).
* **T**: Tape and Reel packing.
* **P/G**: ECOPACK2 (RoHS compliant, Halogen-free).
---
## 4. Key Features
* **Byte and Page Write**: Supports writing a single byte or a page of up to 16 bytes.
* **Random and Sequential Read**: Allows reading data from any address or reading the entire memory sequentially.
* **Hardware Write Protection**: When the `WC` pin is held High, the entire memory becomes read-only, preventing accidental data corruption.
* **Low Power Consumption**: Consumes very little current in standby mode (typically < 1 µA), making it ideal for battery-powered devices.
---
- ⤷
What are the differences between M24C04 and M24C08 models?
- ⤷ How do I implement the I2C addressing for this chip if I use multiple EEPROMs?
- ⤷ What is the maximum write cycle time for a 16-byte page?