Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M24C08-RCT3TP/S

  • AI
    ## Technical Overview: M24C08-RCT3TP/S The **M24C08-RCT3TP/S** is a specialized 8-Kbit serial I²C Electrically Erasable Programmable Read-Only Memory (EEPROM) manufactured by **STMicroelectronics**. It is designed for low-power applications and high-reliability data storage. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Memory Size** | 8 Kbit (1024 x 8 bits) | | **Interface** | I²C (Serial 2-Wire) | | **Clock Frequency** | 400 kHz (Fast Mode) | | **Operating Voltage** | 2.5V to 5.5V | | **Write Cycle Time** | 5 ms (Max) | | **Endurance** | 1 Million Write Cycles | | **Data Retention** | 40 Years | | **Package Type** | SOT23-5 (Small Outline Transistor) | --- ### 2. Detailed Pin Configuration Due to the compact **SOT23-5** package, the pinout is optimized for space-constrained designs: 1. **SCL (Serial Clock):** Used to synchronize data movements on the I²C bus. 2. **VSS (Ground):** The common reference for the power supply. 3. **SDA (Serial Data):** Bi-directional pin used to transfer data in and out of the device. 4. **VCC (Supply Voltage):** Power input (2.5V - 5.5V). 5. **WC (Write Control):** A hardware protection pin. If connected to VCC, write operations are inhibited. If connected to VSS, the memory is write-enabled. --- ### 3. Core Functional Components ### A. I²C Interface Logic The chip acts as a "Slave" on the I²C bus. It listens for its unique 7-bit device address followed by a Read/Write bit. The 8-Kbit memory is organized as four blocks of 256 bytes each. ### B. Memory Array The storage is based on **Floating-gate EEPROM cells**. Unlike Flash memory, EEPROM allows for byte-level erasing and writing, making it ideal for storing small configuration parameters or user settings. ### C. Write Protection Mechanism The **WC (Write Control)** pin provides a hardware layer of security. This is critical for preventing accidental data corruption during power-up sequences or software glitches. --- ### 4. Application Use Cases * **Consumer Electronics:** Storing calibration data in cameras or smartphones. * **Industrial:** Storing MAC addresses or serial numbers in IoT modules. * **Medical:** Storing patient settings or device usage logs in portable monitors. --- ### 5. Programming Example (Pseudo-Code) To write a byte to the memory, the microcontroller follows this sequence: ```c // Pseudo-code for writing to M24C08 I2C_Start(); I2C_Send_Address(0xA0); // Device Address + Write Bit I2C_Send_Word_Address(0x00); // Memory Location 0 I2C_Send_Data(0x42); // Data to store I2C_Stop(); Delay(5); // Wait for internal Write Cycle (5ms) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the M24C08 and a standard 24C02 EEPROM?
    • ⤷ How does the Page Write mode improve efficiency in this chip?
    • ⤷ What are the specific environmental conditions for the 'S' suffix in this part number?