M24C08-RCT5TP/S
AI

## M24C08-RCT5TP/S Technical Overview
The **M24C08-RCT5TP/S** is a specific variant of the M24C08 family of serial I²C EEPROM (Electrically Erasable Programmable Read-Only Memory) devices manufactured by **STMicroelectronics**. It is designed for low-power, non-volatile storage applications.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Memory Size** | 8 Kbit (1024 bytes) |
| **Organization** | 4 blocks of 256 bytes (8-bit words) |
| **Interface** | I²C (Two-Wire Serial) |
| **Clock Frequency** | 400 kHz (Fast Mode) / 100 kHz (Standard) |
| **Operating Voltage** | 1.8V to 5.5V |
| **Package Type** | SOT23-5 (5-lead Small Outline Transistor) |
| **Write Cycles** | Up to 4 Million cycles |
| **Data Retention** | 200 Years |
---
### 2. Functional Components
* **Memory Array:** The 8 Kbit space is partitioned into four pages of 256 bytes each. To access these pages, the device uses a specific device select code within the I²C addressing scheme.
* **I²C Control Logic:** This logic handles the Start/Stop conditions, device addressing, and data acknowledgment (ACK/NACK).
* **Write Protection (WP):** Depending on the pinout configuration of the SOT23-5 package, this device may feature a Write Control (WC) pin to hardware-protect the entire memory from write operations.
* **Page Write Buffer:** Allows writing up to 16 bytes in a single write cycle, significantly improving throughput for large data sets.
---
### 3. Pin Configuration (SOT23-5)
Since this specific part suffix (`T5`) refers to the 5-pin SOT23 package, the pinout is typically arranged as follows:
| Pin Number | Name | Function |
| :--- | :--- | :--- |
| 1 | SCL | Serial Clock Line |
| 2 | VSS | Ground |
| 3 | SDA | Serial Data Line |
| 4 | VCC | Supply Voltage |
| 5 | WC | Write Control (Active High) |
---
### 4. Part Number Breakdown
The suffix **RCT5TP/S** provides specific information about the manufacturing and packaging:
* **M24C08:** Device family (8 Kbit I²C EEPROM).
* **-R:** Operating voltage range (1.8V to 5.5V).
* **T5:** SOT23-5 package.
* **TP:** Tape and Reel packaging.
* **S:** Generally denotes a high-reliability or "Automotive Grade" / "Process refined" version, often indicating the part is compliant with specific chemical or reliability standards (like AEC-Q100 if specified in the datasheet).
---
### 5. Common Applications
* **Parameter Storage:** Storing calibration data or user settings in consumer electronics.
* **Device Identification:** Storing MAC addresses or serial numbers.
* **Consumer Goods:** Smart appliances, medical handhelds, and IoT sensors due to the small SOT23 footprint.
- ⤷
How does the addressing for the 4 internal memory blocks work in an I2C command?
- ⤷ What is the specific behavior of the WC (Write Control) pin if left floating?
- ⤷ Is the M24C08-RCT5TP/S compatible with 1.8V logic levels?