M24C08-RCT6TP/S
AI

## M24C08-RCT6TP/S: Technical Overview
The **M24C08-RCT6TP/S** is a specific variant of the M24C08 family of serial EEPROM (Electrically Erasable Programmable Read-Only Memory) devices manufactured by **STMicroelectronics**. It is widely used for non-volatile data storage in consumer electronics, industrial controls, and medical devices.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Memory Size** | 8 Kbit (1024 x 8 bits) |
| **Interface** | I²C (Inter-Integrated Circuit) Serial |
| **Supply Voltage (Vcc)** | 1.8V to 5.5V |
| **Clock Frequency** | 400 kHz (Fast Mode) or 1 MHz (Fast Mode Plus) |
| **Write Cycles** | More than 4 million cycles |
| **Data Retention** | Over 200 years |
| **Package Type** | TSSOP8 (Thin Shrink Small Outline Package) |
---
### 2. Breakdown of the Part Number
Understanding the suffixes helps identify the specific environmental and packaging standards:
* **M24C08**: The base series (8 Kbit I²C EEPROM).
* **-R**: Indicates the operating voltage range (1.8V to 5.5V).
* **C**: Refers to the internal hardware configuration (often related to capacitance/timing).
* **T6**: **T** stands for TSSOP8 package; **6** indicates the industrial temperature range (-40°C to +85°C).
* **TP**: Indicates **Tape & Reel** packaging for automated assembly.
* **S**: Often denotes a specific process technology or high-reliability screening (Automotive or specific assembly line).
---
### 3. Core Functional Features
* **Byte and Page Write**: Supports writing a single byte or a page of up to 16 bytes.
* **Random and Sequential Read**: Data can be accessed from a specific address or streamed sequentially.
* **Hardware Write Protection**: Includes a `WC` (Write Control) pin. When tied to High (Vcc), the entire memory becomes read-only, protecting data from accidental corruption.
* **Low Power Consumption**: Consumes very little current (typically <1µA in standby), making it ideal for battery-powered applications.
---
### 4. Pin Configuration (TSSOP8)
| Pin # | Name | Description |
| :--- | :--- | :--- |
| 1-3 | E0, E1, E2 | Chip Enable (Address) inputs to define the device's I2C address. |
| 4 | Vss | Ground. |
| 5 | SDA | Serial Data (Bidirectional). |
| 6 | SCL | Serial Clock input. |
| 7 | WC | Write Control (Hardware protection). |
| 8 | Vcc | Supply Voltage. |
---
### 5. Common Applications
* **Parameter Storage**: Storing calibration data or user settings in smart appliances.
* **Identification**: Storing serial numbers or MAC addresses in networking equipment.
* **Firmware Configuration**: Storing boot-up flags or lookup tables for microcontrollers.
- ⤷
What is the difference between the 'R' and 'F' voltage variants in the M24C08 series?
- ⤷ How does the 'WC' pin specifically prevent unauthorized write operations?
- ⤷ Can this EEPROM be used in automotive applications requiring AEC-Q100 qualification?