M24C08-RDS3TP
AI

## M24C08-RDS3TP: Electronic Specifications and Overview
The **M24C08-RDS3TP** is an 8-Kbit I²C-compatible Electrically Erasable Programmable Read-Only Memory (EEPROM) manufactured by STMicroelectronics. It is designed for low-power, low-voltage applications.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Memory Size** | 8 Kbit (1024 bytes) |
| **Memory Organization** | 4 blocks of 256 bytes (total 1024 x 8 bits) |
| **Interface** | I²C (Two-Wire Serial) |
| **Clock Frequency** | 400 kHz (Fast Mode) / 100 kHz (Standard) |
| **Supply Voltage (Vcc)** | 1.8V to 5.5V |
| **Package Type** | TSSOP8 (Thin Shrink Small Outline Package) |
| **Operating Temperature** | -40°C to +125°C |
| **Write Cycle Time** | 5 ms (Max) |
---
### 2. Pin Configuration (TSSOP8)
| Pin Number | Name | Type | Description |
| :--- | :--- | :--- | :--- |
| 1-3 | E0, E1, E2 | Input | Chip Enable (Hardware address pins) |
| 4 | VSS | Power | Ground |
| 5 | SDA | I/O | Serial Data (Open-drain) |
| 6 | SCL | Input | Serial Clock |
| 7 | WC | Input | Write Control (Hardware protection) |
| 8 | VCC | Power | Supply Voltage |
---
### 3. Core Features
#### A. Write Protection (WC Pin)
The **Write Control (WC)** pin provides hardware data protection.
* **WC = High (Vcc):** The entire memory is protected; write attempts are ignored.
* **WC = Low (GND):** The memory can be written to normally.
#### B. Byte and Page Write
The device supports both **Byte Write** and **Page Write**. A Page Write allows up to **16 bytes** to be written in a single cycle, significantly improving throughput for large data sets.
#### C. Data Retention and Endurance
* **Endurance:** More than 4 million write cycles.
* **Data Retention:** Over 200 years (at room temperature).
---
### 4. Part Number Breakdown
The suffix `RDS3TP` provides specific information about the packaging and temperature grade:
* **M24C08**: Base part number (8 Kbit EEPROM).
* **-R**: Device operates at 1.8V to 5.5V.
* **DS**: TSSOP8 package (169 mil width).
* **3**: Temperature range -40 to +125 °C (Automotive grade / High reliability).
* **TP**: Tape and Reel packaging.
---
- ⤷
What is the difference between M24C08 and M24C16 in the same family?
- ⤷ How do you address the four different blocks in an 8-Kbit I2C EEPROM?
- ⤷ What are the pull-up resistor requirements for the SDA and SCL lines?