M24C08-RMB3T
AI

The **M24C08-RMB3TG** is a specific variant of an 8-Kbit serial I2C EEPROM (Electrically Erasable Programmable Read-Only Memory) manufactured by **STMicroelectronics**. It is widely used for non-volatile parameter storage in compact electronic devices.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Memory Size** | 8 Kbit (1024 x 8 bits) |
| **Interface** | I2C (Inter-Integrated Circuit) |
| **Operating Voltage** | 1.8V to 5.5V |
| **Clock Frequency** | 400 kHz (Fast Mode) |
| **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) |
| **Operating Temp** | -40°C to +125°C |
| **Endurance** | 4 million write cycles |
| **Data Retention** | 200 years |
---
### 2. Functional Description
The device is organized as four blocks of 256 bytes (4 x 256 bytes). Since it is an I2C device, it operates as a **Slave** on the bus.
#### Memory Addressing
The 8-Kbit memory requires a 10-bit binary address. In the I2C protocol, this is handled as follows:
* The 7-bit Device Select code contains fixed bits (`1010`) and dynamic bits that select the specific 256-byte block.
* The second byte of the transmission contains the 8-bit address within that block.
#### Write Operations
* **Byte Write:** Writing a single byte to a specific address.
* **Page Write:** Allows writing up to 16 bytes in a single write cycle, significantly improving performance for larger data sets.
* **Write Control (WC):** A hardware pin that provides write protection. When held High, the memory becomes read-only.
---
### 3. Pinout Configuration (UFDFPN8)
| Pin Number | Name | Function |
| :--- | :--- | :--- |
| 1-3 | E0, E1, E2 | Chip Enable (Address inputs) |
| 4 | VSS | Ground |
| 5 | SDA | Serial Data (Bi-directional) |
| 6 | SCL | Serial Clock (Input) |
| 7 | WC | Write Control (Active High) |
| 8 | VCC | Supply Voltage |
---
### 4. Code Implementation Example (Arduino/C++)
To interface with the M24C08 using the `Wire.h` library:
```cpp
#include
#define EEPROM_ADDR 0x50 // Base I2C address for M24C08
void writeEEPROM(int address, byte data) {
Wire.beginTransmission(EEPROM_ADDR);
Wire.write(address); // Address inside the EEPROM
Wire.write(data); // Data to store
Wire.endTransmission();
delay(5); // Required write cycle time
}
byte readEEPROM(int address) {
byte rdata = 0xFF;
Wire.beginTransmission(EEPROM_ADDR);
Wire.write(address);
Wire.endTransmission();
Wire.requestFrom(EEPROM_ADDR, 1);
if (Wire.available()) rdata = Wire.read();
return rdata;
}
```
---
- ⤷
How does the 'Write Control' (WC) pin behave if left floating?
- ⤷ What is the difference between the M24C08-R and the M24C08-W variants?
- ⤷ How do you address the four different 256-byte blocks over I2C?