AI

## Technical Overview: M24C08-RMB3TP
The **M24C08-RMB3TP** is an 8-Kbit serial I²C bus EEPROM (Electrically Erasable Programmable Memory) manufactured by **STMicroelectronics**. It is designed for low-power and low-voltage applications, commonly found in consumer electronics, industrial sensors, and communication modules.
---
### 1. Key Technical Specifications
The table below highlights the primary electrical and physical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Memory Size** | 8 Kbit (1024 x 8 bits) |
| **Interface** | I²C Serial (Two-wire) |
| **Operating Voltage (Vcc)** | 1.8V to 5.5V |
| **Clock Frequency** | 400 kHz (Fast Mode) / 1 MHz (Fast Mode Plus) |
| **Write Cycle Time** | 5 ms (Maximum) |
| **Endurance** | 4 million Write cycles |
| **Data Retention** | 200 years |
| **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Functional Components
The internal architecture of the M24C08-RMB3TP consists of the following electronic blocks:
1. **I²C Interface Logic:** Manages the communication protocols (Start/Stop conditions, Device Addressing, and Acknowledge bits).
2. **Control Logic:** Handles the internal timing for Write operations and manages the **Write Control (WC)** pin, which allows the chip to be write-protected.
3. **EEPROM Array:** The physical storage area organized into 4 blocks of 256 bytes each.
4. **Voltage Regulator/Charge Pump:** Generates the high voltage required internally to erase and program the EEPROM cells from the low-voltage supply.
---
### 3. Pin Configuration (UFDFPN8)
| Pin | Symbol | Description |
| :--- | :--- | :--- |
| **1-3** | E0, E1, E2 | Chip Enable (Used for addressing multiple devices) |
| **4** | Vss | Ground |
| **5** | SDA | Serial Data (Bi-directional) |
| **6** | SCL | Serial Clock (Input) |
| **7** | WC | Write Control (Hardware protection) |
| **8** | Vcc | Supply Voltage |
---
### 4. Part Number Breakdown: `M24C08-RMB3TP`
* **M24:** I²C Serial Access EEPROM.
* **C08:** 8 Kbit density.
* **-R:** Operating voltage range (1.8V to 5.5V).
* **MB:** Package type (UFDFPN8 2x3 mm).
* **3:** Device Grade (Industrial temperature range -40 to +125°C).
* **TP:** Tape and Reel packaging.
---
### 5. Implementation Considerations
When designing a circuit with this part, keep the following in mind:
* **Pull-up Resistors:** As an I²C device, the SDA and SCL lines require external pull-up resistors (typically 4.7kΩ to 10kΩ).
* **Write Protection:** Connecting the **WC** pin to $V_{CC}$ will protect the entire memory contents from being overwritten. Connecting it to $V_{SS}$ allows normal write operations.
* **Addressing:** Since the 8 Kbit memory is split into four 256-byte pages, the device uses bits within the I²C Device Address to select the specific block.
- ⤷What is the difference between M24C08 and M24C16 models?
- ⤷ How do I calculate the correct pull-up resistor value for the I2C bus?
- ⤷ Can this EEPROM be used in automotive applications?