Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • M24C16-RMB3T

  • AI
    The **M24C16-RMB3T** is a 16-Kbit serial I2C Bus EEPROM (Electrically Erasable Programmable Read-Only Memory) manufactured by STMicroelectronics. This specific part is known for its tiny form factor and low voltage requirements, commonly used in mobile devices and compact consumer electronics. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Memory Size** | 16 Kbit (2,048 x 8 bits) | | **Interface** | I2C (Two-Wire Serial) | | **Operating Voltage** | 1.8V to 5.5V | | **Clock Frequency** | 400 kHz (Fast Mode) | | **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) | | **Write Cycle Time** | 5 ms (Maximum) | | **Endurance** | 4 million write cycles | | **Data Retention** | 200 years | --- ### 2. Functional Description The device is organized as 128 pages of 16 bytes each. It functions as a slave device on the I2C bus. #### Pin Configuration (UFDFPN8) 1. **E0, E1, E2:** Chip Enable inputs (used to set the hardware address). 2. **SDA:** Serial Data (bi-directional). 3. **SCL:** Serial Clock. 4. **WC:** Write Control. When connected to $V_{CC}$, write operations are inhibited (read-only mode). When connected to $V_{SS}$ (Ground), write operations are allowed. 5. **$V_{CC}$ / $V_{SS}$:** Power supply and Ground. --- ### 3. Key Electronic Characteristics * **Low Power Consumption:** It features a standby current as low as $1 \mu A$, making it ideal for battery-powered applications. * **Byte and Page Write:** Supports writing a single byte or a full page (16 bytes) in a single instruction. * **Random and Sequential Read:** Data can be read from any address or sequentially from the current address to the end of the memory. * **Schmitt Trigger Inputs:** The SCL and SDA pins include noise filtering to prevent false triggering in electrically noisy environments. --- ### 4. Typical Application Circuit When integrating the M24C16-RMB3T, pull-up resistors are required on the I2C lines. ```c // Pseudo-code representation of a Write Operation void write_eeprom(uint8_t device_addr, uint16_t mem_addr, uint8_t data) { I2C_Start(); I2C_Send_Byte(device_addr << 1 | 0); // Write mode I2C_Send_Byte((uint8_t)mem_addr); // Send address I2C_Send_Byte(data); // Send data I2C_Stop(); Delay_ms(5); // Wait for internal write cycle } ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the M24C16 and the M24C32 models?
    • ⤷ How does the 'Write Control' (WC) pin function for hardware data protection?
    • ⤷ What are the advantages of the UFDFPN8 package compared to SO8?